Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 32Page - National Semiconductor (TI) GX1 Datasheet HTML 33Page - National Semiconductor (TI) GX1 Datasheet HTML 34Page - National Semiconductor (TI) GX1 Datasheet HTML 35Page - National Semiconductor (TI) GX1 Datasheet HTML 36Page - National Semiconductor (TI) GX1 Datasheet HTML 37Page - National Semiconductor (TI) GX1 Datasheet HTML 38Page - National Semiconductor (TI) GX1 Datasheet HTML 39Page - National Semiconductor (TI) GX1 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 247 page
background image
www.national.com
36
Revision 1.0
Signal Definitions (Continued)
GNT[2:0]#
E1,
F2,
D1
H2,
K4,
F2
O
Grant Lines
GNT# indicates to the requesting master that it has been granted
access to the bus. Each master has its own GNT# line. GNT# can
be pulled away at any time a higher REQ# is received or if the
master does not begin a cycle within a minimum period of time (16
SYSCLKs).
2.2.2
PCI Interface Signals (Continued)
Signal Name
BGA
Pin No.
SPGA
Pin No
Type
Description
2.2.3
Memory Controller Interface Signals
Signal Name
BGA
Pin No.
SPGA
Pin No.
Type
Description
MD[63:0]
Refer
to
Table 2-3
Refer
to
Table 2-5
I/O
Memory Data Bus
The data bus lines driven to/from system memory.
MA[12:0]
Refer
to
Table 2-3
Refer
to
Table 2-5
O
Memory Address Bus
The multiplexed row/column address lines driven to the system
memory.
Supports 256 MB SDRAM.
BA[1:0]
AD26,
AD25
AJ33,
AK36
O
Bank Address Bits
These bits are used to select the component bank within the
SDRAM.
CS[3:0]#
AE23,
V25,
AD23,
V26
AK32,
Z34,
AN33,
AA35
O
Chip Selects
The chip selects are used to select the module bank within the
system memory. Each chip select corresponds to a specific mod-
ule bank.
If CS# is high, the bank(s) do not respond to RAS#, CAS#, WE#
until the bank is selected again.
RASA#,
RASB#
W24,
W25
AB36,
AB34
O
Row Address Strobe
RAS#, CAS#, WE# and CKE are encoded to support the different
SDRAM commands. RASA# is used with CS[1:0]#. RASB# is
used with CS[3:2]#.
CASA#,
CASB#
P25,
R26
W37,
X36
O
Column Address Strobe
RAS#, CAS#, WE# and CKE are encoded to support the different
SDRAM commands. CASA# is used with CS[1:0]#. CASB# is
used with CS[3:2]#.
WEA#,
WEB#
R25,
R24
W33,
W35
O
Write Enable
RAS#, CAS#, WE# and CKE are encoded to support the different
SDRAM commands. WEA# is used with CS[1:0]#. WEB# is used
with CS[3:2]#.
CKEA,
CKEB
AF24,
AD16
AL33,
AN23
O
Clock Enable
For normal operation, CKE is held high. CKE goes low during
SUSPEND. CKEA is used with CS[1:0]#. CKEB is used with
CS[3:2]#.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com