Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 14Page - National Semiconductor (TI) GX1 Datasheet HTML 15Page - National Semiconductor (TI) GX1 Datasheet HTML 16Page - National Semiconductor (TI) GX1 Datasheet HTML 17Page - National Semiconductor (TI) GX1 Datasheet HTML 18Page - National Semiconductor (TI) GX1 Datasheet HTML 19Page - National Semiconductor (TI) GX1 Datasheet HTML 20Page - National Semiconductor (TI) GX1 Datasheet HTML 21Page - National Semiconductor (TI) GX1 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 247 page
background image
www.national.com
18
Revision 1.0
Architecture Overview (Continued)
Figure 1-8. Example Set-Top Box System Diagram
CS5530
Notebook DVD
Drive
Notebook
Floppy
Drive
Internal Assembly Options
Flash
BIOS
2.5” UDMA33
Hard Drive
Headphone
Audio Line
Output
Tuner
AC3
Anlg
MIC MIC
CPU Temp.
Sensor
DMA
3.3V PCI Bus
1
IN
2
IN
CD In
Riser Slot
Optional
LAN PCI
Card
LAN /
WAN
ISA Slot
Riser Slot
ROM Slot
WinCE ROM
Modul
e
TDA8006
LPT
COM
Mouse
(IR)
Keybd
(IR)
Front
Panel
USB
Ports
AC3
Anlg
Optional
V.90
Modem
SDRAM
PCM1723
IGS 50x5
Graphics
SAA7112
SGRAM
SGRAM
Video Por
t
TV Tuner
Composite
Video In
9638
TDA9851
TV
Tuner
Module
Arbiter
C-CUBE
“ZIVA”
CATV In
AC3
Digital
Tuner FM Out
VGA
S-Video
PAL or
NTSC
Audio
Line
Out
SPDIF
ISA Bus
I/O
Companion
GX1
LM4548
Codec
Processor
Geode™
Geode™
NSC
LM75
Output
FM In
Smartcard
NSC
PC97317VUL-ICF
SuperI/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com