Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 89 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 89 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 85Page - National Semiconductor (TI) GX1 Datasheet HTML 86Page - National Semiconductor (TI) GX1 Datasheet HTML 87Page - National Semiconductor (TI) GX1 Datasheet HTML 88Page - National Semiconductor (TI) GX1 Datasheet HTML 89Page - National Semiconductor (TI) GX1 Datasheet HTML 90Page - National Semiconductor (TI) GX1 Datasheet HTML 91Page - National Semiconductor (TI) GX1 Datasheet HTML 92Page - National Semiconductor (TI) GX1 Datasheet HTML 93Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 247 page
background image
Revision 1.0
89
www.national.com
Processor Programming (Continued)
When SMI nesting is disabled, the processor holds off
external SMI interrupts until the currently executing SMM
code exits. When SMI nesting is enabled, the processor
can proceed with the SMI. The SMM service routine will
guarantee that no internal SMIs are generated in SMM, so
the processor ignores such events. If the internal and exter-
nal SMI signals are received simultaneously, then the inter-
nal SMI is given priority to avoid losing the event.
The state diagram of the SMI_NEST and Nested SMI Sta-
tusbitsare showninFigure3-11witheachstate explained
next.
A.
When the processor is outside of SMM, Nested SMI
Status is always clear and SMI_NEST is set high.
B.
The first-level SMI interrupt is received by the
processor. The microcode clears SMI_NEST, sets
Nested SMI Status high and saves the previous value
of Nested SMI Status (0) in the SMM header.
C.
The first-level SMM service routine saves the header
and sets SMI_NEST high to re-enable SMI interrupts
from SMM.
D.
A second-level (nested) SMI interrupt is received by
theprocessor. ThisSMI is takeneventhough the
processor is in SMM because the SMI_NEST bit is set
high. The microcode clears SMI_NEST, sets Nested
SMI Status high and saves the previous value of
Nested SMI Status (1) in the SMM header.
E.
The second-level SMM service routine saves the
header and sets SMI_NEST to re-enable SMI inter-
rupts within SMM. Another level of nesting could occur
during this period.
F.
The
second-level
SMM
service
routine
clears
SMI_NEST to disable SMI interrupts, then restores its
SMM header.
G.
The second-level SMM service routine executes an
RSM. The microcode sets SMI_NEST, and restores
the Nested SMI Status (1) based on the SMM header.
H.
The first-level SMM service routine clears SMI_NEST
to disable SMI interrupts, then restores its SMM
header.
I.
The first-level SMM service routine executes an RSM.
The microcode sets SMI_NEST high and restores the
Nested SMI Status (0) based on the SMM header.
When the processor is outside of SMM, Nested SMI Status
is always clear and SMI_NEST is set high.
Figure 3-11. SMI Nesting State Machine
SMI_NEST
Nested SMI Status
AB
C
D
E
F
G
H
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com