Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 99 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 99 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 95Page - National Semiconductor (TI) GX1 Datasheet HTML 96Page - National Semiconductor (TI) GX1 Datasheet HTML 97Page - National Semiconductor (TI) GX1 Datasheet HTML 98Page - National Semiconductor (TI) GX1 Datasheet HTML 99Page - National Semiconductor (TI) GX1 Datasheet HTML 100Page - National Semiconductor (TI) GX1 Datasheet HTML 101Page - National Semiconductor (TI) GX1 Datasheet HTML 102Page - National Semiconductor (TI) GX1 Datasheet HTML 103Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 247 page
background image
Revision 1.0
99
www.national.com
Integrated Functions (Continued)
4.1.2
Control Registers
The control registers for the GX1 processor use 32 KB of
the memory map, starting at GX_BASE+8000h (see Figure
4-2 on page 98). This area is divided into internal bus inter-
face unit, graphics pipeline, display controller, memory con-
troller, and power management sections:
• The Internal Bus Interface Unit maps 100h locations
starting at GX_BASE+8000h.
• The Graphics Pipeline maps 200h locations starting at
GX_BASE+8100h.
• The Display Controller maps 100h locations starting at
GX_BASE+8300h.
• The Memory Controller maps 100h locations starting at
GX_BASE+8400h
• GX_BASE+8500h-8FFFh is dedicated to power
management registers for the serial packet transmission
control, the user-defined power management address
space, Suspend Refresh, and SMI status for Suspend/
Resume.
The register descriptions are contained in the individual
subsections of this chapter. Accesses to undefined regis-
ters in the GX1 processor control register space will not
cause a hardware error.
4.1.3
Graphics Memory
GraphicsmemoryisallocatedfromsystemDRAMbythe
system BIOS. The GX1 processor’s graphics memory is
mapped into 4 MB starting at GX_BASE+800000h. This
area includes the frame buffer memory and storage for
internal display controller state. The size of the frame buffer
is a linear map whose size depends on the user’s require-
ments (i.e., resolution, color depth, video buffer, compres-
sion buffer, font caching, etc.). Frame buffer scan lines are
not contiguous in many resolutions, so software that ren-
ders to the frame buffer must use a skip count to advance
between scan lines. The display controller can use the
graphics memory that lies between scan lines for the com-
pression buffer. Accessing graphics memory between the
end of a scan line and the start of another can cause dis-
play problems. The skip count for all supported resolutions
is shownin Table4-2.
The graphics memory size is programmed by setting the
graphics memory base address in the memory controller
(see Table 4-14 on page 112). Display drivers communi-
cate with system BIOS about resolution changes, to ensure
that the correct amount of graphics memory is allocated.
Since no mechanism exists to recover system DRAM from
the operating system without rebooting when a graphics
resolution change requires an increased amount of graph-
ics memory, the system must be rebooted!
.
Table 4-2. Display Resolution Skip Counts
Screen
Resolution
Pixel
Depth
Skip
Count
640x480
8 bits
1024
640x480
16 bits
2048
800x600
8 bits
1024
800x600
16 bits
2048
1024x768
8 bits
1024
1024x768
16 bits
2048
1280x1024
8 bits
2048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com