Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 101 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 101 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 97Page - National Semiconductor (TI) GX1 Datasheet HTML 98Page - National Semiconductor (TI) GX1 Datasheet HTML 99Page - National Semiconductor (TI) GX1 Datasheet HTML 100Page - National Semiconductor (TI) GX1 Datasheet HTML 101Page - National Semiconductor (TI) GX1 Datasheet HTML 102Page - National Semiconductor (TI) GX1 Datasheet HTML 103Page - National Semiconductor (TI) GX1 Datasheet HTML 104Page - National Semiconductor (TI) GX1 Datasheet HTML 105Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 247 page
background image
Revision 1.0
101
www.national.com
Integrated Functions (Continued)
Table 4-4. L1 Cache BitBLT Register Summary
Mnemonic Name1
Function2
L1_BB0_BASE
L1 Cache BitBLT 0 Base Address
Contains the L1 set 0 address to the first byte of BLT Buffer 0.
L1_BB0_POINTER
L1 Cache BitBLT 0 Pointer
Contains the L1 set 0 address offset to the current line of BLT Buffer 0.
L1_BB1_BASE
L1 Cache BitBLT 1 Base Address
Contains the L1 set 0 address to the first byte of BLT Buffer 1.
L1_BB1_POINTER
L1 Cache BitBLT 1 Pointer
Contains the L1 set 0 address offset to the current line of BLT Buffer 1.
1.
For information on accessing these registers, refer to Section 4.1.6 “CPU_READ/CPU_WRITE Instructions” on page
102.
2.
The L1 cache locations accessed by the BitBLT registers must be enabled as scratchpad RAM prior to use.
Table 4-5. L1 Cache BitBLT Registers
Bit
Name
Description
L1_BB0_BASE Register (R/W)
Default Value = None
15:12
RSVD
Reserved: Set to 0.
11:4
INDEX
BitBLT 0 Base Index: The index to the starting cache line of set 0 in L1 of BLT Buffer 0.
3:0
BYTE
BitBLT 0 Starting Byte: Determines which byte of the starting line is the beginning of BLT Buffer 0.
L1_BB0_POINTER Register (R/W)
Default Value = None
15:12
RSVD
Reserved: Set to 0.
11:4
INDEX
BitBLT 0 Pointer Index: The index to the current cache line of set 0 in L1 of BLT Buffer 0.
3:0
RSVD
Reserved: Set to 0.
L1_BB1_Base Register (R/W)
Default Value = None
15:12
RSVD
Reserved: Set to 0.
11:4
INDEX
BitBLT 1 Base Index: The index to the starting cache line of set 0 in L1 of BLT Buffer 1.
3:0
BYTE
BitBLT 1 Starting Byte: Determines which byte of the starting line is the beginning of BLT Buffer 1.
L1_BB1_POINTER Register (R/W)
Default Value = None
15:12
RSVD
Reserved: Set to 0.
11:4
INDEX
BitBLT 1 Pointer Index: The index to the current cache line of set 0 in L1 of BLT Buffer 1.
3:0
RSVD
Reserved: Set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com