Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 105 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 105 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 101Page - National Semiconductor (TI) GX1 Datasheet HTML 102Page - National Semiconductor (TI) GX1 Datasheet HTML 103Page - National Semiconductor (TI) GX1 Datasheet HTML 104Page - National Semiconductor (TI) GX1 Datasheet HTML 105Page - National Semiconductor (TI) GX1 Datasheet HTML 106Page - National Semiconductor (TI) GX1 Datasheet HTML 107Page - National Semiconductor (TI) GX1 Datasheet HTML 108Page - National Semiconductor (TI) GX1 Datasheet HTML 109Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 247 page
background image
Revision 1.0
105
www.national.com
Integrated Functions (Continued)
15
SMID
SMID: All I/O accesses for address range 3D0h to 3DFh generate an SMI: 0 = Disable; 1 = Enable.
(Used for VGA virtualization.)
14
SMIC
SMIC: All I/O accesses for address range 3C0h to 3CFh generate an SMI: 0 = Disable; 1 = Enable.
(Used for VGA virtualization.)
13
SMIB
SMIB: All I/O accesses for address range 3B0h to 3BFh generate an SMI: 0 = Disable; 1 = Enable
(Used for VGA virtualization.)
12:8
RSVD
Reserved: Set to 0.
7XPD
X-Bus Pipeline: The address for the next cycle can be driven on the X-Bus before the completion of the
data phase of the current cycle.
0 = Enable
1 = Disable
6GNWS
X-Bus GraphicsPipeNo WaitState: Data driven on the X-Bus from the graphics pipeline:
0 = 1 full clock before X_DSX is asserted
1 = On the same clock in which X_RDY is asserted
5XNWS
X-Bus No Wait State: Data driven on the X-Bus from the internal bus interface unit:
0 = 1 full clock before X_DSX is asserted
1 = On the same clock in which X_RDY is asserted
4GEA
Graphics Enable for A Region: Allow memory R/W operations for address range B8000h to BFFFFh
be directed to the graphics pipeline: 0 = Disable; 1 = Enable. If enabled, the GEA region is always non-
cacheable. In the region control field (A0) the cache enable bit (bit2) is ignored.
(Used for VGA emulation.)
3:0
A0
A0 Region: Region control field for address range A0000h to AFFFFh.
Note: Refer to Table 4-10 on page 106 for decode.
GX_BASE+8008h-800Bh
BC_XMAP_2 Register (R/W)
Default Value = 00000000h
31:28
DC
DC Region: Region control field for address range DC000h to DFFFFh.
27:24
D8
D8 Region: Region control field for address range D8000h to DBFFFh.
23:20
D4
D4 Region: Region control field for address range D4000h to D7FFFh.
19:16
D0
D0 Region: Region control field for address range D0000h to D3FFFh.
15:12
CC
CC Region: Region control field for address range CC000h to CFFFFh.
11:8
C8
C8 Region: Region control field for address range C8000h to CBFFF.
7:4
C4
C4 Region: Region control field for address range C4000h to C7FFFh.
3:0
C0
C0 Region: Region control field for address range C0000h to C3FFFh.
Note: Refer to Table 4-10 on page 106 for decode.
GX_BASE+800Ch-800Fh
BC_XMAP_3 Register (R/W)
Default Value = 00000000h
31:28
FC
FC Region: Region control field for address range FC000h to FFFFFh.
27:24
F8
F8 Region: Region control field for address range F8000h to FBFFFh.
23:20
F4
F4 Region: Region control field for address range F4000h to F7FFFh.
19:16
F0
F0 Region: Region control field for address range F0000h to F3FFFh.
15:12
EC
EC Region: Region control field for address range EC000h to EFFFFh.
11:8
E8
E8 Region: Region control field for address range E8000h to EBFFFh.
7:4
E4
E4 Region: Region control field for address range E4000h to E7FFFh.
3:0
E0
E0 Region: Region control field for address range E0000h to E3FFFh.
Note: Refer to Table 4-10 on page 106 for decode.
Table 4-9. Internal Bus Interface Unit Registers
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com