Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 104 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 104 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 100Page - National Semiconductor (TI) GX1 Datasheet HTML 101Page - National Semiconductor (TI) GX1 Datasheet HTML 102Page - National Semiconductor (TI) GX1 Datasheet HTML 103Page - National Semiconductor (TI) GX1 Datasheet HTML 104Page - National Semiconductor (TI) GX1 Datasheet HTML 105Page - National Semiconductor (TI) GX1 Datasheet HTML 106Page - National Semiconductor (TI) GX1 Datasheet HTML 107Page - National Semiconductor (TI) GX1 Datasheet HTML 108Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 247 page
background image
www.national.com
104
Revision 1.0
Integrated Functions (Continued)
4.2.5
Internal Bus Interface Unit Registers
The Internal Bus Interface Unit maps 100h bytes starting
at GX_BASE+8000h. However only 16 bytes (four 32-bit
registers) are defined. Refer to Section 4.1.2 “Control
Registers” on page 99 for instructions on accessing these
registers.
Table 4-8 summarizes the four 32-bit registers contained
in the internal bus interface unit and Table 4-9 gives the
register/bit formats.
Table 4-8. Internal Bus Interface Unit Register Summary
GX_BASE+
Memory Offset
Type
Name/Function
Default
Value
8000h-8003h
R/W
BC_DRAM_TOP
Top of DRAM — Contains the highest available address of system memory not
including the memory that is set aside for graphics memory, which corresponds to
1 GB of memory. The largest possible value for the register is 3FFFFFFFh.
3FFFFFFFh
8004h-8007h
R/W
BC_XMAP_1
Memory X-Bus Map Register 1 (A and B Region Control) — Contains the region
control of the A and B regions and the SMI controls required for VGA emulation.
PCI access to internal registers and the A20M function are also controlled by this
register.
00000000h
8008h-800Bh
R/W
BC_XMAP_2
Memory X-Bus Map Register 2 (C and D Region Control) — Contains region con-
trol fields for eight regions in the address range C0h through DCh.
00000000h
800Ch-800Fh
R/W
BC_XMAP_3
Memory X-Bus Map Register 3 (E and F Region Control) — Contains the region
control fields for memory regions in the address range E0h through FCh.
00000000h
Table 4-9. Internal Bus Interface Unit Registers
Bit
Name
Description
GX_BASE+8000h-8003h
BC_DRAM_TOP Register (R/W)
Default Value = 3FFFFFFFh
31:28
RSVD
Reserved: Set to 0.
27:17
TOP OF
DRAM
Top of DRAM:
000h = Minimum top or 0001FFFFh (128 KB)
7FFh = Maximum top or 0FFFFFFFh (256 MB)
16:0
RSVD
Reserved: Set to 1.
GX_BASE+8004h-8007h
BC_XMAP_1 Register (R/W)
Default Value = 00000000h
31:29
RSVD
Reserved: Set to 0.
28
GEB8
Graphics Enable for B8 Region: Allow memory R/W operations for address range B8000h to BFFFFh
be directed to the graphics pipeline: 0 = Disable; 1 = Enable. If enabled, the GEB8 region is always non-
cacheable. In the region control field (B8) the cache enable bit (bit 2) is ignored.
(Used for VGA emulation.)
27:24
B8
B8 Region: Region control field for address range B8000h to BFFFFh.
Note:
Refer to Table 4-10 on page 106 for decode.
23
RSVD
Reserved: Set to 0.
22
PRAE
PCI Register Access Enable: Allow PCI Slave to access internal registers on the X-Bus:
0 = Disable; 1 = Enable.
21
A20M
Address Bit 20 Mask: Address bit 20 is always forced to a zero except for SMI accesses:
0 = Disable; 1 = Enable.
20
GEB0
Graphics Enable for B0 Region: Allow memory R/W operations for address range B8000h to BFFFFh
be directed to the graphics pipeline: 0 = Disable; 1 = Enable. If enabled, the GEB0 region is always non-
cacheable. In the region control field (B0) the cache enable bit (bit 2) is ignored.
(Used for VGA emulation.)
19:16
B0
B0 Region: Region control field for address range B0000h to B7FFFh.
Note:
Refer to Table 4-10 on page 106 for decode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com