Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 102 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 102 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 98Page - National Semiconductor (TI) GX1 Datasheet HTML 99Page - National Semiconductor (TI) GX1 Datasheet HTML 100Page - National Semiconductor (TI) GX1 Datasheet HTML 101Page - National Semiconductor (TI) GX1 Datasheet HTML 102Page - National Semiconductor (TI) GX1 Datasheet HTML 103Page - National Semiconductor (TI) GX1 Datasheet HTML 104Page - National Semiconductor (TI) GX1 Datasheet HTML 105Page - National Semiconductor (TI) GX1 Datasheet HTML 106Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 247 page
background image
www.national.com
102
Revision 1.0
Integrated Functions (Continued)
4.1.5
Display Driver Instructions
While the majority of the GX1’s integrated function inter-
face is memory mapped, a few integrated function regis-
ters are accessed via four GX1 specific instructions. Table
4-6 shows these instructions.
Adding CPU instructions does not create a compatibility
problem for applications that may depend on receiving
illegal opcode traps. The solution is to make these instruc-
tions generate an illegal opcode trap unless a compatibil-
ity bit is explicitly set. The GX1 processor uses the
scratchpad size field (bits [3:2] in GCR, Index B8h) to
enable or disable all of the graphics instructions.
Note:
If the scratchpad size bits are zero, meaning that
none of the cache is defined as scratchpad, then
hardware will assume that the graphics controller
is not being used and the graphics instructions
will be disabled.
Any other scratchpad size will enable all of the new
instructions. Note that the base address of the memory
map in the GCR register can still be set up to allow access
to the memory controller registers
4.1.6
CPU_READ/CPU_WRITE Instructions
The GX1 processor has several internal registers that
control the BLT buffer and power management circuitry in
the dedicated cache subsystem. To avoid adding addi-
tional instructions to read and write these registers, the
GX1 processor has a general mechanism to access inter-
nal CPU registers with reasonable performance. The GX1
processor has two special instructions to read and write
CPU registers: CPU_READ and CPU_WRITE. Both
instructions fetch a 32-bit register address from EBX as
showninTable 4-6and Table4-7. CPU_WRITE uses EAX
for the source data, and CPU_READ uses EAX as the
destination. Both instructions always transfer 32 bits of
data.
These instructions work by initiating a special I/O transac-
tion where the high address bit is set. This provides a very
large address space for internal CPU registers.
The BLT buffer base registers define the starting physical
addresses of the BLT buffers located within the dedicated
L1 cache. The dedicated cache can be configured for up
to 4 KB, so 12 address bits are required for each base
address.
.
Table 4-6. Display Driver Instructions
Syntax
Opcode
Registers
Description
BB0_RESET
0F3A
N/A
Reset the BLT Buffer 0 pointer to the base.
BB1_RESET
0F3B
N/A
Reset the BLT Buffer 1 pointer to the base.
CPU_WRITE
0F3C
EBX = Register Address (see Table 4-7)
EAX = Source Data
Write data to CPU internal register.
CPU_READ
0F3D
EBX = Register Address (see Table 4-7)
EAX = Destination Data
Read data from CPU internal register.
Table 4-7. Address Map for CPU-Access Registers
Register
EBX Address
Description
L1_BB0_BASE
FFFFFF0Ch
BLT Buffer 0 base address (see Table 4-5 on page 101).
L1_BB1_BASE
FFFFFF1Ch
BLT Buffer 1 base address (see Table 4-5 on page 101).
L1_BB0_POINTER
FFFFFF2Ch
BLT Buffer 0 pointer address (see Table 4-5 on page 101).
L1_BB1_POINTER
FFFFFF3Ch
BLT Buffer 1 pointer address (see Table 4-5 on page 101).
PM_BASE
FFFFFF6Ch
Power management base address (see Table 5-3 on page 184).
PM_MASK
FFFFFF7Ch
Power management address mask (see Table 5-3 on page 184).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com