Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 79 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 79 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 75Page - National Semiconductor (TI) GX1 Datasheet HTML 76Page - National Semiconductor (TI) GX1 Datasheet HTML 77Page - National Semiconductor (TI) GX1 Datasheet HTML 78Page - National Semiconductor (TI) GX1 Datasheet HTML 79Page - National Semiconductor (TI) GX1 Datasheet HTML 80Page - National Semiconductor (TI) GX1 Datasheet HTML 81Page - National Semiconductor (TI) GX1 Datasheet HTML 82Page - National Semiconductor (TI) GX1 Datasheet HTML 83Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 247 page
background image
Revision 1.0
79
www.national.com
Processor Programming (Continued)
3.6
INTERRUPTS AND EXCEPTIONS
The processing of either an interrupt or an exception
changes the normal sequential flow of a program by trans-
ferring program control to a selected service routine.
Except for SMM interrupts, the location of the selected ser-
vice routine is determined by one of the interrupt vectors
stored in the interrupt descriptor table.
True interrupts are hardware interrupts and are generated
by signal sources external to the CPU. All exceptions (includ-
ing so-called software interrupts) are produced internally by
the CPU.
3.6.1
Interrupts
External events can interrupt normal program execution by
using one of the three interrupt pins on the GX1 processor:
• Non-maskable Interrupt (No pin, see note)
• Maskable Interrupt (INTR pin)
• SMM Interrupt (SMI# pin)
Note:
There is not an NMI pin on the GX1 processor.
Generation of an NMI interrupt is not possible.
However, software can generate an NMI by setting
bit 2 of CCR7. (See the CCR7 register on
page 53.)
For most interrupts, program transfer to the interrupt rou-
tine occurs after the current instruction has been com-
pleted. When the execution returns to the original program,
it begins immediately following the interrupted instruction.
The NMI interrupt cannot be masked by software and
always uses interrupt vector two to locate its service rou-
tine. Since the interrupt vector is fixed and is supplied inter-
nally, no interrupt acknowledge bus cycles are performed.
This interrupt is normally reserved for unusual situations
such as parity errors and has priority over INTR interrupts.
Once NMI processing has started, no additional NMIs are
processed until an IRET instruction is executed, typically at
the end of the NMI service routine. If the NMI is re-asserted
before execution of the IRET instruction, one and only one
NMI rising edge is stored and then processed after execu-
tion of the next IRET.
During the NMI service routine, maskable interrupts may
be enabled. If an unmasked INTR occurs during the NMI
service routine, the INTR is serviced and execution returns
to the NMI service routine following the next IRET. If a
HALT instruction is executed within the NMI service routine,
the CPU restarts execution only in response to RESET, an
unmasked INTR or a System Management Mode (SMM)
interrupt. NMI does not restart CPU execution under this
condition.
The INTR interrupt is unmasked when the Interrupt
Enable Flag (IF, bit 9) in the EFLAGS register is set to 1
(See the EFLAGS register in Table 3-4 on page 46). Except
for string operations, INTR interrupts are acknowledged
between instructions. Long string operations have interrupt
windows between memory moves that allow INTR inter-
rupts to be acknowledged.
When an INTR interrupt occurs, the CPU performs an inter-
rupt-acknowledge bus cycle. During this cycle, the CPU
reads an 8-bit vector that is supplied by an external inter-
rupt controller. This vector selects which of the 256 possi-
ble interrupt handlers will be executed in response to the
interrupt.
The SMM interrupt has higher priority than either INTR or
NMI. After SMI# is asserted, program execution is passed
to an SMM service routine that runs in SMM address space
reserved for this purpose. The remainder of this section
does not apply to the SMM interrupts. SMM interrupts are
described in greater detail later in Section 3.7 “System
Management Mode” on page 83.
3.6.2
Exceptions
Exceptions are generated by an interrupt instruction or a
program error. Exceptions are classified as traps, faults or
aborts depending on the mechanism used to report them
and the restartability of the instruction which first caused
the exception.
A Trap exception is reported immediately following the
instruction that generated the trap exception. Trap excep-
tions are generated by execution of a software interrupt
instruction (INTO, INT3, INTn, BOUND), by a single-step
operation or by a data breakpoint.
Software interrupts can be used to simulate hardware inter-
rupts. For example, an INTn instruction causes the proces-
sor to execute the interrupt service routine pointed to by the
nth vector in the interrupt table. Execution of the interrupt
service routine occurs regardless of the state of the IF flag
(bit 9) in the EFLAGS register.
The one byte INT3, or breakpoint interrupt (vector 3), is a
particular case of the INTn instruction. By inserting this one
byte instruction in a program, the user can set breakpoints
in the code that can be used during debug.
Single-step operation is enabled by setting the TF bit (bit 8)
in the EFLAGS register. When the TF is set, the CPU gen-
erates a debug exception (vector 1) after the execution of
every instruction. Data breakpoints also generate a debug
exception and are specified by loading the debug registers
(DR0-DR3, see Table 3-12 on page 55) with the appropri-
ate values.
A Fault exception is reported before completion of the
instruction that generated the exception. By reporting the
fault before instruction completion, the CPU is left in a state
that allows the instruction to be restarted and the effects of
the faulting instruction to be nullified. Fault exceptions
include divide-by-zero errors, invalid opcodes, page faults
and coprocessor errors. Debug exceptions (vector 1) are
also handled as faults (except for data breakpoints and sin-
gle-step operations). After execution of the fault service
routine, the instruction pointer points to the instruction that
caused the fault.
An Abort exception is atypeoffault exceptionthatis
severe enough that the CPU cannot restart the program at
the faulting instruction. The double fault (vector 8) is the
only abort exception that occurs on the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com