Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 71 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 71 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 67Page - National Semiconductor (TI) GX1 Datasheet HTML 68Page - National Semiconductor (TI) GX1 Datasheet HTML 69Page - National Semiconductor (TI) GX1 Datasheet HTML 70Page - National Semiconductor (TI) GX1 Datasheet HTML 71Page - National Semiconductor (TI) GX1 Datasheet HTML 72Page - National Semiconductor (TI) GX1 Datasheet HTML 73Page - National Semiconductor (TI) GX1 Datasheet HTML 74Page - National Semiconductor (TI) GX1 Datasheet HTML 75Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 247 page
background image
Revision 1.0
71
www.national.com
Processor Programming (Continued)
3.5.3.3
Task, Gate, Interrupt, and Application and
System Descriptors
Besides segment descriptors there are descriptors used in
task switching, switching between tasks with different prior-
ity and those used to control interrupt functions:
• Interrupt Descriptors
• Application and System Segment Descriptors
• Gate Descriptors
• Task State Segment Descriptors
All descriptors have some things in common. They are all
eight bytes in length and have three fields (BASE, LIMIT,
and TYPE). The BASE field defines the starting location for
the table or segment. The LIMIT field defines the size and
theTYPE fielddepends on thetypeofdescriptor. Oneof
the main functions of the TYPE field is to define the access
rights to the associated segment or table.
Interrupt Descriptors
The Interrupt Descriptor Table (IDT) is an array of 256 8-
byte (4-byte for real mode) interrupt descriptors, each of
which is used to point to an interrupt service routine. Every
interrupt that may occur in the system must have an asso-
ciated entry in the IDT. The contents of the IDTR are com-
pletely visible to the programmer through the use of the
SIDT instruction.
The IDT is defined by the Interrupt Descriptor Table Regis-
ter (IDTR). Some texts refer to this register as an IDT
descriptor.
Thefollowing instructions areused inconjunctionwiththe
IDTR:
• LIDT - Load memory to IDTR
• SIDT - Store IDTR to memory
The IDTR is set up in real mode using the LIDT instruction.
This is possible as the LIDT instruction is only one of two
instructions that directly load a linear address (instead of a
segment relative address) in protected mode (the other
instructions is LGDT).
As previously shown in Table 3-20 on page 70, the IDTR
contains a BASE ADDRESS field and a LIMIT field that
define the IDT.
Application and System Segment Descriptors
The bit structure and bit definitions for segment descriptors
are shown in Table 3-21 and Table 3-22 on page 72,
respectively. The explanation of the TYPE field is shown in
Table 3-23 on page 73.
Table 3-21. Application and System Segment Descriptors
31 31 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Memory Offset +4
BASE[31:24]
G
D
0
A
V
L
LIMIT[19:16]
P
DPL
S
TYPE
BASE[23:16]
Memory Offset +0
BASE[15:0]
LIMIT[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com