Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  GX1 Datasheet HTML 1Page - National Semiconductor (TI) GX1 Datasheet HTML 2Page - National Semiconductor (TI) GX1 Datasheet HTML 3Page - National Semiconductor (TI) GX1 Datasheet HTML 4Page - National Semiconductor (TI) GX1 Datasheet HTML 5Page - National Semiconductor (TI) GX1 Datasheet HTML 6Page - National Semiconductor (TI) GX1 Datasheet HTML 7Page - National Semiconductor (TI) GX1 Datasheet HTML 8Page - National Semiconductor (TI) GX1 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 247 page
background image
© 2000 National Semiconductor Corporation
www.national.com
General Description
The National Semiconductor® Geode™ GX1 processor
series is a line of integrated processors specifically
designed to power information appliances for entertain-
ment, education, and business. Serving the needs of con-
sumers and business professionals alike, it’s the perfect
solution for IA (information appliance) applications such as
thin clients, interactive set-top boxes, and personal internet
access devices.
The Geode GX1 processor series is divided into three main
categories as defined by the core operating voltage. Avail-
able with core voltages of 2.0V, 1.8V, and 1.6V, it offers
extremely low typical power consumption (1.2W, 1.0W, and
0.8W, respectively) leading to longer battery life and
enabling small form-factor, fanless designs. Typical power
consumption is defined as an average, measured running
Microsoft Windows at 80% Active Idle (Suspend-on-Halt)
with a display resolution of 800x600x8 bpp at 75 Hz.
Geode™ GX1 Processor Internal Block Diagram
Interrupt
Floating Point
Clock Module
SYSCLK
Core
X-Bus
x86 Compatible Core
TLB
Instruction
16 KB
Unified L1
Cache
SYSCLK
X-Bus CLK
(128)
FP_Error
INT/NMI
X-Bus
Power
Management
Control
SUSP#
SUSPA#
Core Suspend
Core Acknowledge
X-Bus Suspend
X-Bus Acknowledge
X-Bus (32)
C-Bus (64)
Write
Read
Display Controller
Timing Generator
INTR
IRQ13
3
REQ/GNT
Pairs
PCI
4
SDRAM
Clocks
64-bit
RGB
YUV
Geode™ Graphics
Arbiter
SMI#
Clocks
Clocks
Fetch
MMU
Load/Store
Integer
Unit
Unit
Control
Controller
Palette RAM
Compression Buffer
2D Accelerator
ROP Unit
BLT Engine
VGA
Buffers
Buffers
SDRAM
Bus
Arbiter
PCI Host
Controller
multiplied
by “A”
divide by “B”
Companion Interface
April 2000
Geode™ GX1 Processor Series
Low Power Integrated x86 Solution
National Semiconductor and Virtual System Architecture are registered trademarks of National Semiconductor Corporation.
Geode, WebPAD, and VSA, are trademarks of National Semiconductor Corporation.
For a complete listing of National Semiconductor trademarks, please visit www.national.com/trademarks.


Similar Part No. - GX1

ManufacturerPart #DatasheetDescription
logo
GIACOMINI WATER E-MOTIO...
GX102Y003 GIACOMINI-GX102Y003 Datasheet
3Mb / 24P
GX SYSTEM
GX102Y004 GIACOMINI-GX102Y004 Datasheet
3Mb / 24P
GX SYSTEM
GX102Y005 GIACOMINI-GX102Y005 Datasheet
3Mb / 24P
GX SYSTEM
GX102Y006 GIACOMINI-GX102Y006 Datasheet
3Mb / 24P
GX SYSTEM
GX102Y007 GIACOMINI-GX102Y007 Datasheet
3Mb / 24P
GX SYSTEM
More results

Similar Description - GX1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68LC302 MOTOROLA-MC68LC302 Datasheet
766Kb / 169P
Low Power Integrated Multiprotocol Processor Reference Manual
logo
National Semiconductor ...
GXLV NSC-GXLV Datasheet
4Mb / 247P
Geode??GXLV Processor Series Low Power Integrated x86 Solutions
GXM NSC-GXM Datasheet
4Mb / 244P
Geode??GXm Processor Integrated x86 Solution with MMX Support
logo
List of Unclassifed Man...
CPU-1440 ETC2-CPU-1440 Datasheet
328Kb / 2P
Vortex86DX processor at 600MHz x86 compatibility
FW-7525 ETC2-FW-7525 Datasheet
463Kb / 2P
Fanless Desktop x86 Network Security Platform Fanless Desktop x86 Network Security Platform Processor
logo
Lumileds Lighting Compa...
DS147 LUMILEDS-DS147 Datasheet
1Mb / 16P
Low power solution
logo
Generalplus Technology ...
GP327902B GENERALPLUS-GP327902B Datasheet
704Kb / 17P
Advanced Multimedia Processor Solution
GPL32702B GENERALPLUS-GPL32702B Datasheet
601Kb / 6P
Advanced Multimedia Processor Solution
logo
Analog Devices
ADP5014 AD-ADP5014 Datasheet
827Kb / 34P
Integrated Power Solution with Quad Low Noise Buck Regulators
8/2019-Rev. 0 to Rev. A
logo
Advanced Analog Technol...
AAT11671 AAT-AAT11671 Datasheet
2Mb / 18P
INTEGRATED TFT LCD POWER SOLUTION
Version 0.01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com