Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 83 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 83 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 79Page - National Semiconductor (TI) GX1 Datasheet HTML 80Page - National Semiconductor (TI) GX1 Datasheet HTML 81Page - National Semiconductor (TI) GX1 Datasheet HTML 82Page - National Semiconductor (TI) GX1 Datasheet HTML 83Page - National Semiconductor (TI) GX1 Datasheet HTML 84Page - National Semiconductor (TI) GX1 Datasheet HTML 85Page - National Semiconductor (TI) GX1 Datasheet HTML 86Page - National Semiconductor (TI) GX1 Datasheet HTML 87Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 247 page
background image
Revision 1.0
83
www.national.com
Processor Programming (Continued)
3.7
SYSTEM MANAGEMENT MODE
System Management Mode (SMM) is an enhancement of
the standard x86 architecture. SMM is usually employed for
system power management or software-transparent emula-
tion of I/O peripherals. SMM is entered through a hardware
signal “System Management Interrupt” (SMI# pin) that has
a higher priority than any other interrupt, including NMI. An
SMM interrupt can also be triggered from software using
an SMINT instruction. Following an SMM interrupt, portions
of the CPU state are automatically saved, SMM is entered,
and program execution begins at the base of SMM address
space (Figure 3-9).
The GX1 processor extends System Management Mode to
support the virtualization of many devices, including VGA
video. The SMM mechanism can be triggered by I/O activ-
ity and also by access to selected memory regions. For
example, SMM interrupts are generated when VGA
addresses are accessed. As will be described, other SMM
enhancements have reduced SMM overhead and improved
virtualization-software performance
Figure 3-9. System Management Memory Address Space
FFFFFFFFh
00000000h
Non-SMM
SMM
Potential
SMM Address
Space
Physical
Memory Space
FFFFFFFFh
00000000h
4KB to 32MB
Physical Memory
4GB
Defined
SMM
Address
Space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com