Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 55 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 55 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 51Page - National Semiconductor (TI) GX1 Datasheet HTML 52Page - National Semiconductor (TI) GX1 Datasheet HTML 53Page - National Semiconductor (TI) GX1 Datasheet HTML 54Page - National Semiconductor (TI) GX1 Datasheet HTML 55Page - National Semiconductor (TI) GX1 Datasheet HTML 56Page - National Semiconductor (TI) GX1 Datasheet HTML 57Page - National Semiconductor (TI) GX1 Datasheet HTML 58Page - National Semiconductor (TI) GX1 Datasheet HTML 59Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 247 page
background image
Revision 1.0
55
www.national.com
Processor Programming (Continued)
3.3.2.3
Debug Registers
Six debug registers (DR0-DR3, DR6 and DR7) support
debugging on the GX1 processor. Memory addresses
loaded in the debug registers, referred to as “breakpoints,”
generate a debug exception when a memory access of the
specified type occurs to the specified address. A break-
point can be specified for a particular kind of memory
access such as a read or write operation. Code and data
breakpoints can also be set allowing debug exceptions to
occur whenever a given data access (read or write opera-
tion) or code access (execute) occurs. The size of the
debug target can be set to 1, 2, or 4 bytes. The debug reg-
isters are accessed through MOV instructions that can be
executed only at privilege level 0 (real mode is always priv-
ilege level 0).
The Debug Address Registers (DR0-DR3) each contain
the linear address for one of four possible breakpoints.
Each breakpoint is further specified by bits in the Debug
Control Register (DR7). For each breakpoint address in
DR0-DR3, there are corresponding fields L, R/W, and LEN
in DR7 that specify the type of memory access associated
with the breakpoint. DR6 is read only and reports the
results of the break.
The R/W field can be used to specify instruction execution
as well as data access breakpoints. Instruction execution
breakpoints are always acted upon before execution of the
instruction that matches the breakpoint. The Debug Regis-
ters are mapped in Table 3-12, and the bit definitions are
given in Table 3-13 on page 56.
Table 3-12. Debug Registers
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
DR7 Register
Debug Control Register 7 (R/W)
LEN3
R/W3
LEN2
R/W2
LEN1
R/W1
LEN0
R/W0
0
0
G
D
001
00
G
3
L
3
G
2
L
2
G
1
L
1
G
0
L0
DR6 Register
Debug Status Register 6 (R/O
0
0
0
000
00
00
00
000
0
B
T
B
S
0
111
11
11
11
B3 B2 B1 B0
DR3 Register
Debug Address Register 3 (R/W)
Breakpoint 3 Linear Address
DR2 Register
Debug Address Register 2 (R/W)
Breakpoint 2 Linear Address
DR1 Register
Debug Address Register 1 (R/W)
Breakpoint 1 Linear Address
DR0 Register
Debug Address Register 0 (R/W)
Breakpoint 0 Linear Address
Note:
All bits marked as 0 or 1 are reserved and should not be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com