Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 55Page - National Semiconductor (TI) GX1 Datasheet HTML 56Page - National Semiconductor (TI) GX1 Datasheet HTML 57Page - National Semiconductor (TI) GX1 Datasheet HTML 58Page - National Semiconductor (TI) GX1 Datasheet HTML 59Page - National Semiconductor (TI) GX1 Datasheet HTML 60Page - National Semiconductor (TI) GX1 Datasheet HTML 61Page - National Semiconductor (TI) GX1 Datasheet HTML 62Page - National Semiconductor (TI) GX1 Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 247 page
background image
Revision 1.0
59
www.national.com
Processor Programming (Continued)
3.3.2.5
Cache Test Registers
Three test registers are used in testing the processor’s on-
chip cache, TR3-TR5. Table 3-16 is a register map for the
Cache Test Registers with their bit definitions given in Table
3-17 on page 60. The test registers are accessed through
MOV instructions that can be executed only at privilege
level 0 (real mode is always privilege level 0).
The processor’s 16 KB on-chip cache is a four-way set
associative memory that is configured as write-back cache.
Each cache set contains 256 entries. Each entry consists
of a 20-bit tag address, a 16-byte data field, a valid bit, and
four dirty bits.
The 20-bit tag represents the high-order 20 bits of the
physical address. The 16-byte data represents the 16 bytes
of data currently in memory at the physical address repre-
sented by the tag. The valid bit indicates whether the data
bytes in the cache actually contain valid data. The four dirty
bits indicate if the data bytes in the cache have been modi-
fied internally without updating external memory (write-
back configuration). Each dirty bit indicates the status for
one DWORD (4 bytes) within the 16-byte data field.
For each line in the cache, there are three LRU bits that
indicate which of the four sets was most recently accessed.
A line is selected using bits [11:4] of the physical address.
Using a 16-byte cache fill buffer and a 16-byte cache flush
buffer, cache reads and writes may be performed.
Figure 3-1 illustrates the internal cache architecture.
Figure 3-1. Cache Architecture
D
E
C
O
D
E
255
254
.
.
0
A11-A4
Line
Address
= Cache Entry (153 bits)
Tag Address (20 bits)
Data (128 bits)
Valid Status (1 bit)
Dirty Status (4 bits)
Set 0
Set 1
Set 2
Set 3
LRU
.
.
.
.
.
.
.
.
.
.
152---0
152---0
152---0
152---0
2---0
Table 3-16. Test Registers for Cache
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
TR5 Register (R/W)
RSVD
Line Selection
Set/
DWORD
CTL
TR4 Register (R/W)
Cache Tag Address
0
Cache
LRU Bits
Dirty Bits
0
0
0
TR3 Register (R/W)
Cache Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com