Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 28Page - National Semiconductor (TI) GX1 Datasheet HTML 29Page - National Semiconductor (TI) GX1 Datasheet HTML 30Page - National Semiconductor (TI) GX1 Datasheet HTML 31Page - National Semiconductor (TI) GX1 Datasheet HTML 32Page - National Semiconductor (TI) GX1 Datasheet HTML 33Page - National Semiconductor (TI) GX1 Datasheet HTML 34Page - National Semiconductor (TI) GX1 Datasheet HTML 35Page - National Semiconductor (TI) GX1 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 247 page
background image
www.national.com
32
Revision 1.0
Signal Definitions (Continued)
SMI#
C19
B28
I
System Management Interrupt
SMI# is a level-sensitive interrupt. SMI# puts the GX1 processor
into System Management Mode (SMM).
SUSP#
H2
(PU)
M4
(PU)
I
Suspend Request
This signal is used to request that the GX1 processor enter Sus-
pend mode. After recognition of an active SUSP# input, the pro-
cessor completes execution of the current instruction, any
pending decoded instructions and associated bus cycles. SUSP#
is enabled by setting the SUSP bit in CCR2, and is ignored follow-
ing RESET. (See Table 3-11 on page 52 for CCR2 bit definitions.)
Since the GX1 processor includes system logic functions as well
as the CPU core, there are special modes designed to support the
different power management states associated with APM, ACPI,
and portable designs. The part can be configured to stop only the
CPU core clocks, or all clocks. When all clocks are stopped, the
external clock can also be stopped. (See Section 5.0 “Power Man-
agement” on page 177 for more details regarding power manage-
ment states.)
This pin is internally connected to a weak (>20-kohm) pull-up
resistor.
SUSPA#
E2
H4
O
Suspend Acknowledge
Suspend Acknowledge indicates that the GX1 processor has
entered low-power Suspend mode as a result of SUSP# assertion
or execution of a HALT instruction. SUSPA# floats following
RESET and is enabled by setting the SUSP bit in CCR2. (See
Table 3-11 on page 52 for CCR2 bit definitions.)
The SYSCLK input may be stopped after SUSPA# has been
asserted to further reduce power consumption if the system is
configured for 3V Suspend mode. (see Section 5.1.4 “3 Volt Sus-
pend” on page 178 for details regarding this mode).
SERIALP
L3
Q1
O
Serial Packet
Serial Packet is the single wire serial-transmission signal to the
CS5530 chip. The clock used for this interface is SYSCLK. This
interface carries packets of miscellaneous information to the
chipset to be used by the VSA technology software handlers.
2.2.1
System Interface Signals (Continued)
Signal Name
BGA
Pin No.
SPGA
Pin No.
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com