Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 27Page - National Semiconductor (TI) GX1 Datasheet HTML 28Page - National Semiconductor (TI) GX1 Datasheet HTML 29Page - National Semiconductor (TI) GX1 Datasheet HTML 30Page - National Semiconductor (TI) GX1 Datasheet HTML 31Page - National Semiconductor (TI) GX1 Datasheet HTML 32Page - National Semiconductor (TI) GX1 Datasheet HTML 33Page - National Semiconductor (TI) GX1 Datasheet HTML 34Page - National Semiconductor (TI) GX1 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 247 page
background image
Revision 1.0
31
www.national.com
Signal Definitions (Continued)
2.2
SIGNAL DESCRIPTIONS
2.2.1
System Interface Signals
Signal Name
BGA
Pin No.
SPGA
Pin No.
Type
Description
SYSCLK
P26
V34
I
System Clock
PCI clock is connected to SYSCLK. The internal clock of the GX1
processor is generated by a proprietary patented frequency syn-
thesis circuit which multiplies the SYSCLK input up to ten times.
The SYSCLK to core clock multiplier is configured using the CLK-
MODE[2:0] inputs.
The SYSCLK input is a fixed frequency which can only be stopped
or varied when the GX1 processor is in full 3V Suspend. (See
Section 5.1.4 “3 Volt Suspend” on page 178 for details regarding
this mode.)
CLKMODE[2:0]
M1, L1,
M3
G3, R2,
S1
I
Clock Mode
Thesesignals areusedto set thecore clock multiplier.The PCI
clock "SYSCLK" is multiplied by the value set by CLKMODE[2:0]
to generate the GX1 processor’s core clock.
CLKMODE[2:0]:
000 = SYSCLK multiplied by 4 (Test mode only)
001 = SYSCLK multiplied by 10
010 = SYSCLK multiplied by 9
011 = SYSCLK multiplied by 5
100 = SYSCLK multiplied by 4
101 = SYSCLK multiplied by 6
110 = SYSCLK multiplied by 7
111 = SYSCLK multiplied by 8
RESET
J3
M2
I
Reset
RESET aborts all operations in progress and places the
GX1 processor into a reset state. RESET forces the CPU and
peripheral functions to begin executing at a known state. All data
in the on-chip cache is invalidated upon RESET.
RESET is an asynchronous input but must meet specified setup
and hold times to guarantee recognition at a particular clock edge.
This input is typically generated during the Power-On-Reset
sequence.
INTR
B18
D24
I
(Maskable) Interrupt Request
INTR is a level-sensitive input that causes the GX1 processor to
suspend execution of the current instruction stream and begin
execution of an interrupt service routine. The INTR input can be
masked through the EFlags register IF bit. (See Table 3-4 on page
46 for bit definitions.)
IRQ13
C22
C31
O
Interrupt Request Level 13
IRQ13 is asserted if an on-chip floating point error occurs.
When a floating point error occurs, the GX1 processor asserts the
IRQ13 pin. The floating point interrupt handler then performs an
OUT instruction to I/O address F0h or F1h. The GX1 processor
accepts either of these cycles and clears the IRQ13 pin.
Refer to Section 3.4.1 “I/O Address Space” on page 63 for further
information on IN/OUT instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com