Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 63 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 63 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 59Page - National Semiconductor (TI) GX1 Datasheet HTML 60Page - National Semiconductor (TI) GX1 Datasheet HTML 61Page - National Semiconductor (TI) GX1 Datasheet HTML 62Page - National Semiconductor (TI) GX1 Datasheet HTML 63Page - National Semiconductor (TI) GX1 Datasheet HTML 64Page - National Semiconductor (TI) GX1 Datasheet HTML 65Page - National Semiconductor (TI) GX1 Datasheet HTML 66Page - National Semiconductor (TI) GX1 Datasheet HTML 67Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 247 page
background image
Revision 1.0
63
www.national.com
Processor Programming (Continued)
3.4
ADDRESS SPACES
The GX1 processor can directly address either memory or
I/O space. Figure 3-2 illustrates the range of addresses
available for memory address space and I/O address
space. For the CPU, the addresses for physical memory
range between 0000 0000h and FFFF FFFFh (4 GB). The
accessible I/O address space ranges between 0000 0000h
and 0000FFFFh (64 KB). The CPU does not use coproces-
sor communication space in upper I/O space between
8000 00F8h and 8000 00FFh as do the 386-style CPUs.
The I/O locations 22h and 23h are used for GX1 processor
configuration register access.
3.4.1
I/O Address Space
The CPU I/O address space is accessed using IN and OUT
instructions to addresses referred to as “ports.” The acces-
sible I/O address space is 64 KB and can be accessed as
8-, 16- or 32-bit ports.
The GX1 processor configuration registers reside within
the I/O address space at port addresses 22h and 23h and
are accessed using the standard IN and OUT instructions.
The configuration registers are modified by writing the
index of the configuration register to Port 22h, and then
transferring the data through Port 23h. Accesses to the on-
chip configuration registers do not generate external I/O
cycles. However, each operation on Port 23h must be pre-
ceded by a write to Port 22h with a valid index value. Other-
wise, subsequent Port 23h operations will communicate
through the I/O port to produce external I/O cycles without
modifying the on-chip configuration registers. Write opera-
tions to Port 22h outside of the CPU index range (C0h-CFh
and FEh-FFh) result in external I/O cycles and do not affect
the on-chip configuration registers. Reading Port 22h gen-
erates external I/O cycles.
I/O accesses to port address range 3B0h through 3DFh
can be trapped to SMI by the CPU if this option is enabled
in the BC_XMAP_1 register (see SMIB, SMIC, and SMID
bits in Table 4-9 on page 104). Figure 3-2 illustrates the I/O
address space.
Figure 3-2. Memory and I/O Address Spaces
Physical
Memory Space
Accessible
Programmed
I/O Space
FFFFFFFFh
0000FFFFh
00000000h
FFFFFFFFh
00000000h
Physical Memory
4GB
Not
Accessible
64 KB
CPU General
Configuration
Register I/O
Space
00000023h
00000022h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com