Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 97 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 97 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 93Page - National Semiconductor (TI) GX1 Datasheet HTML 94Page - National Semiconductor (TI) GX1 Datasheet HTML 95Page - National Semiconductor (TI) GX1 Datasheet HTML 96Page - National Semiconductor (TI) GX1 Datasheet HTML 97Page - National Semiconductor (TI) GX1 Datasheet HTML 98Page - National Semiconductor (TI) GX1 Datasheet HTML 99Page - National Semiconductor (TI) GX1 Datasheet HTML 100Page - National Semiconductor (TI) GX1 Datasheet HTML 101Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 247 page
background image
Revision 1.0
97
www.national.com
Integrated Functions (Continued)
4.1
INTEGRATED FUNCTIONS PROGRAMMING INTERFACE
The GX1 processor’s integrated functions programming
interface is a memory mapped space. The control registers
for the graphics pipeline, display controller, and memory
controller are located in this space, as well as all the graph-
ics memory: frame buffer, compression buffer, etc. This
memory address space is referred to as the GX1 processor
memory space.
4.1.1
Graphics Control Register
The base address for these memory mapped registers is
programmed in the Graphics Configuration Register (GCR,
Index B8h, bits[1:0]), shown in Table 4-1. The GCR only
specifies address bits [31:30] of physical memory. The
remainingaddress bits [29:0]are fixedtozero. TheGCR is
I/O mapped because it must be accessed before memory
mapping can be enabled. Refer to Section 3.3.2.2 “Config-
uration Registers” on page 50 for information on how to
access this register.
The GX1 processor incorporates graphics functions that
require registers to implement and control them. Most of
these registers are memory mapped and physically located
in the logical units they control. The mapping of these units
is controlled by the GCR register.
Figure 4-2 on page 98 shows the complete memory
address map for the GX1 processor. When accessing the
GX1 processor memory space, address bits [29:24] must
be zero. This means that the GX1 processor accesses a
linear address space with a total of 16 MB. Address bit 23
divides this space into 8 MB for control (bit 23 = 0) and 8
MB for graphics memory (bit 23 = 1). In control space, bits
[22:16] are not decoded, so the programmer should set
them to zero. Address bit 15 divides the remaining 64 KB
address space into scratchpad RAM and PCI access (bit
15 = 0) and control registers (bit 15 = 1). Note that scratch-
pad RAM is placed here by programming the tags appropri-
ately.
Device drivers are responsible for performing physical-to-
virtual memory-address translation, including allocation of
selectors that point to the GX1 processor. All memory
decoded by the processor may be accessed in protected
mode by creating a selector with the physical address
equal to the GX1 Base Address, shown in Table 4-1, and a
limit of 16 MB. Additionally, a selector with only a 64 KB
limit is large enough to access all of the GX1 processor’s
registers and scratchpad RAM.
Table 4-1. Graphics Control Register (GCR)
Bit
Name
Description
Index B8h
GCR Register (R/W)
Default Value = 00h
7:4
RSVD
Reserved: Set to 0.
3:2
SP
Scratchpad Size: Specifies the size of the scratchpad cache.
00 = 0 KB; Graphics instruction disabled (see Section 4.1.5 “Display Driver Instructions” on page 102).
01 = 2 KB
10 = 3 KB
11 = 4 KB
1:0
GX
GX1 Base Address: Specifies the physical address for the base (GX_BASE) of the scratchpad RAM, the
graphics memory (frame buffer, compression buffer, etc.) and the other memory mapped registers.
00 = Scratchpad RAM, Graphics Subsystem, and memory-mapped configuration registers are disabled.
01 = Scratchpad RAM and control registers start at GX_BASE = 40000000h.
10 = Scratchpad RAM and control registers start at GX_BASE = 80000000h.
11 = Scratchpad RAM and control registers start at GX_BASE = C0000000h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com