Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 77 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 77 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 73Page - National Semiconductor (TI) GX1 Datasheet HTML 74Page - National Semiconductor (TI) GX1 Datasheet HTML 75Page - National Semiconductor (TI) GX1 Datasheet HTML 76Page - National Semiconductor (TI) GX1 Datasheet HTML 77Page - National Semiconductor (TI) GX1 Datasheet HTML 78Page - National Semiconductor (TI) GX1 Datasheet HTML 79Page - National Semiconductor (TI) GX1 Datasheet HTML 80Page - National Semiconductor (TI) GX1 Datasheet HTML 81Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 247 page
background image
Revision 1.0
77
www.national.com
Processor Programming (Continued)
3.5.4
Paging Mechanism
The paging mechanism translates a linear address to its
corresponding physical address. If the required page is not
currently present in RAM, an exception is generated. When
the operating system services the exception, the required
page can be loaded into memory and the instruction
restarted. Pages are either 4 KB or 1 MB in size. The CPU
defaults to 4 KB pages that are aligned to 4 KB boundaries.
A page is addressed by using two levels of tables as illus-
trated in Figure 3-8. Bits [31:22] of the 32-bit linear
address, the Directory Table Index (DTI), are used to locate
an entry in the page directory table. The page directory
table acts as a 32-bit master index to up to 1 KB individual
second-level page tables. The selected entry in the page
directory table, referred to as the directory table entry
(DTE), identifies the starting address of the second-level
page table. The page directory table itself is a page and is
thereforealignedtoa4KBboundary.The physical address
of the current page directory table is stored in the CR3 con-
trol register, also referred to as the Page Directory Base
Register (PDBR).
Bits [21:12] of the 32-bit linear address, referred to as the
Page Table Index (PTI), locate a 32-bit entry in the second-
level page table. This page table entry (PTE) contains the
base address of the desired page frame. The second-level
page table addresses up to 1K individual page frames. A
second-level page table is 4 KB in size and is itself a page.
Bits [11:0] of the 32-bit linear address, the Page Frame Off-
set (PFO), locate the desired physical data within the page
frame.
Since the page directory table can point to 1 KB page
tables, and each page table can point to 1 KB page frames,
a total of 1 MB page frames can be implemented. Each
page frame contains 4 KB, therefore, up to 4 GB of virtual
memory can be addressed by the CPU with a single page
directory table.
Figure 3-8. Paging Mechanism
Directory Table Index
(DTI)
Page Table Index
(PTI)
Page Frame Offset
(PFO)
31
22 21
12 11
0
Linear
Address
DTE Cache
2-Entry
Fully Associative
Main TLB
32-Entry
4-Way Set
Associative
DTE
0
4KB
PTE
0
4KB
Physical Page
4GB
-4 KB
-0
0
External Memory
Directory Table
Page Table
Memory
CR3
Control
Register
1
0
31
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com