Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 33Page - National Semiconductor (TI) GX1 Datasheet HTML 34Page - National Semiconductor (TI) GX1 Datasheet HTML 35Page - National Semiconductor (TI) GX1 Datasheet HTML 36Page - National Semiconductor (TI) GX1 Datasheet HTML 37Page - National Semiconductor (TI) GX1 Datasheet HTML 38Page - National Semiconductor (TI) GX1 Datasheet HTML 39Page - National Semiconductor (TI) GX1 Datasheet HTML 40Page - National Semiconductor (TI) GX1 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 247 page
background image
Revision 1.0
37
www.national.com
Signal Definitions (Continued)
DQM[7:0]
Refer
to
Table 2-3
Refer
to
Table 2-5
O
Data Mask Control Bits
During memory read cycles, these outputs control whether the
SDRAM output buffers are driven on the MD bus or not. All DQM
signals are asserted during read cycles.
During memory write cycles, these outputs control whether or not
MD data will be written into the SDRAM.
DQM[0] is associated with MD[7:0].
DQM[7] is associated with MD[63:56].
SDCLK[3:0]
AE4,
AF5,
AE5,
AF4
AM8,
AK10,
AL7,
AK8
O
SDRAM Clocks
The SDRAM devices sample all the control, address, and data
based on these clocks.
SDCLK_IN
AE8
AK12
I
SDRAM Clock Input
The GX1 processor samples the memory read data on this clock.
Works in conjunction with the SDCLK_OUT signal.
SDCLK_OUT
AF8
AL13
O
SDRAM Clock Output
This output is routed back to SDCLK_IN. The board designer
should vary the length of the board trace to control skew between
SDCLK_IN and SDCLK.
2.2.3
Memory Controller Interface Signals (Continued)
Signal Name
BGA
Pin No.
SPGA
Pin No.
Type
Description
2.2.4
Video Interface Signals
Signal Name
BGA
Pin No
SPGA
Pin No
Type
Description
PCLK
AC1
AJ1
O
Pixel Port Clock
PCLK is the pixel dot clock output. It clocks the pixel data from
the GX1 processor to the CS5530.
VID_CLK
P1
V4
O
Video Clock
VID_CLK is the video port clock to the CS5530.
DCLK
AB1
AD4
I
Dot Clock
The DCLK input is driven from the CS5530 and is the pixel dot
clock. In some cases this clock can be a 2x multiple of PCLK
CRT_HSYNC
W2
AD2
O
CRT Horizontal Sync
CRT Horizontal Sync establishes the line rate and horizontal
retrace interval for an attached CRT. The polarity is programma-
ble. See DC-Timing_CFG register in Table 4-29 on Page 145 for
programming information.
CRT_VSYNC
AA3
AH2
O
CRT Vertical Sync
CRT Vertical Sync establishes the screen refresh rate and verti-
cal retrace interval for an attached CRT. The polarity is program-
mable. See DC-Timing_CFG register in Table 4-29 on Page 145
for programming information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com