Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 60 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 56Page - National Semiconductor (TI) GX1 Datasheet HTML 57Page - National Semiconductor (TI) GX1 Datasheet HTML 58Page - National Semiconductor (TI) GX1 Datasheet HTML 59Page - National Semiconductor (TI) GX1 Datasheet HTML 60Page - National Semiconductor (TI) GX1 Datasheet HTML 61Page - National Semiconductor (TI) GX1 Datasheet HTML 62Page - National Semiconductor (TI) GX1 Datasheet HTML 63Page - National Semiconductor (TI) GX1 Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 247 page
background image
www.national.com
60
Revision 1.0
Processor Programming (Continued)
Table 3-17. TR5-TR3 Bit Definitions
Bit
Name
Description
TR5 Register (R/W)
11:4
Line Selection
Line Selection:
Physical address bits [11:4] used to select one of 256 lines.
3:2
Set/DWord
Selection
Set/DWORD Selection:
Cache read: Selects which of the four sets in the cache is used as the source for data
transferred to the cache flush buffer.
Cache write: Selects which of the four sets in the cache is used as the destination for data transferred from
the cache fill buffer.
Flush buffer read: Selects which of the four DWORDs in the flush buffer is used during a TR3 read.
Fill buffer write: Selects which of the four DWORDs in the fill buffer is written during a TR3 write.
1:0
Control Bits
Control Bits:
00 = Flush read or fill buffer write.
01 = Cache write.
10 = Cache read.
11 = Cache flush.
TR4 Register (R/W)
31:12
Upper Tag
Address
Upper Tag Address:
Cache read: Upper 20 bits of tag address of the selected entry.
Cache write: Data written into the upper 20 bits of the tag address of the selected entry.
10
Valid Bit
Valid Bit:
Cache read: Valid bit for the selected entry.
Cache write: Data written into the valid bit for the selected entry.
9:7
LRU Bits
LRU Bits:
Cache read: The LRU bits for the selected line when scratchpad is disabled.
xx1 = Set 0 or Set 1 most recently accessed.
xx0 = Set 2 or Set 3 most recently accessed.
x1x = Most recent access to Set 0 or Set 1 was to Set 0.
x0x = Most recent access to Set 0 or Set 1 was to Set 1.
1xx = Most recent access to Set 2 or Set 3 was to Set 2.
0xx = Most recent access to Set 2 or Set 3 was to Set 3.
Cache write: Ignored.
6:3
Dirty Bits
Dirty Bits:
Cache read: The dirty bits for the selected entry (one bit per DWORD).
Cache write: Data written into the dirty bits for the selected entry.
2:0
RSVD
Reserved: Set to 0.
TR3 Register (R/W)
31:0
Cache Data
Cache Data:
Flush buffer read: Data accessed from the cache flush buffer.
Fill buffer write: Data to be written into the cache fill buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com