Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 108 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 108 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 104Page - National Semiconductor (TI) GX1 Datasheet HTML 105Page - National Semiconductor (TI) GX1 Datasheet HTML 106Page - National Semiconductor (TI) GX1 Datasheet HTML 107Page - National Semiconductor (TI) GX1 Datasheet HTML 108Page - National Semiconductor (TI) GX1 Datasheet HTML 109Page - National Semiconductor (TI) GX1 Datasheet HTML 110Page - National Semiconductor (TI) GX1 Datasheet HTML 111Page - National Semiconductor (TI) GX1 Datasheet HTML 112Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 247 page
background image
www.national.com
108
Revision 1.0
Integrated Functions (Continued)
4.3.1
Memory Array Configuration
The memory controller supports up to four 64-bit SDRAM
banks, with maximum of eight physical devices per bank.
Banks 0: 1 and 2: 3 must be identical configurations. Two
168-pin unbuffered SDRAM modules (DIMM) satisfy these
requirements Though the following discussion is DIMM
centric, DIMMs are not a system requirement. Each DIMM
receives a unique set of RAS, CAS, WE, and CKE lines.
Each DIMM can have one or two 64-bit DIMM banks. Each
DIMM bank is selected by a unique chip select (CS). There
are four chip select signals to choose between a total of
four DIMM banks. Each DIMM bank also receives a unique
SDCLK. Each DIMM bank can have two or four component
banks. Component bank selection is done through the
bank address (BA) lines.
For example, 16-Mbit SDRAM have two component banks
and 64-Mbit SDRAMs have two or four component banks.
For single DIMM bank modules, the memory controller can
support two DIMM with a maximum of eight component
banks. For dual DIMM bank modules, the memory control-
ler can support two DIMMs with a maximum of 16 compo-
nent banks. Up to 16 banks can be open at the same time.
Refer to the SDRAM manufacturer’s specification for more
information on component banks.
Figure 4-4. Memory Array Configuration
Geode™ GX1
Processor
MA[12:0]
BA[1:0]
MD[63:0]
DQM[7:0]
RASA#
CASA#
WEA#
CS1#
CS0#
CKEA
SDCLK0
SDCLK1
RASB#
CASB#
WEB#
CS3#
CS2#
CKEB
SDCLK2
SDCLK3
A[12:0]
BA[1:0]
MD[63:0]
DQM[7:0]
RAS#
CAS#
WE#
S0#, S2#
CKE0
CK0, CK2
A[12:0]
BA[1:0]
MD[63:0]
DQM[7:0]
RAS#
CAS#
WE#
S1#, S3#
CKE1
CK1, CK3
Bank 0
Bank 1
A[12:0]
BA[1:0]
MD[63:0]
DQM[7:0]
RAS#
CAS#
WE#
S0#, S2#
CKE0
CK0, CK2
A[12:0]
BA[1:0]
MD[63:0]
DQM[7:0]
RAS#
CAS#
WE#
S1#, S3#
CKE1
CK1, CK3
Bank 0
Bank 1
DIMM 1
DIMM 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com