Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 112 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 112 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 108Page - National Semiconductor (TI) GX1 Datasheet HTML 109Page - National Semiconductor (TI) GX1 Datasheet HTML 110Page - National Semiconductor (TI) GX1 Datasheet HTML 111Page - National Semiconductor (TI) GX1 Datasheet HTML 112Page - National Semiconductor (TI) GX1 Datasheet HTML 113Page - National Semiconductor (TI) GX1 Datasheet HTML 114Page - National Semiconductor (TI) GX1 Datasheet HTML 115Page - National Semiconductor (TI) GX1 Datasheet HTML 116Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 247 page
background image
www.national.com
112
Revision 1.0
Integrated Functions (Continued)
4.3.4
Memory Controller Register Description
The Memory Controller maps 100h locations starting at
GX_BASE+8400h. Refer to Section 4.1.2 “Control Regis-
ters” on page 99 for instructions on accessing these regis-
ters.
Table 4-14 summarizes the 32-bit registers contained in the
memory controller. Table 4-15 gives detailed register/bit
formats.
Table 4-14. Memory Controller Register Summary
GX_BASE+
Memory Offset
Type
Name/Function
Default Value
8400h-8403h
R/W
MC_MEM_CNTRL1
Memory Controller Control Register 1: Memory controller configuration informa-
tion (e.g., refresh interval, SDCLK ratio, etc.). BIOS must program this register
based on the processor frequency and desired SDCLK divide ratio.
248C0040h
8404h-8407h
R/W
MC_MEM_CNTRL2
Memory Controller Control Register 2: Memory controller configuration informa-
tion to control SDCLK. BIOS must program this register based on the processor
frequency and the SDCLK divide ratio.
00000801h
8408h-840Bh
R/W
MC_BANK_CFG
Memory Controller Bank Configuration: Contains the configuration information for
the each of the four SDRAM banks in the memory array. BIOS must program this
register during boot by running an autosizing routine on the memory.
41104110h
840Ch-840Fh
R/W
MC_SYNC_TIM1
Memory Controller Synchronous Timing Register 1: SDRAM memory timing infor-
mation - This register controls the memory timing of all four banks of DRAM.
BIOS must program this register based on the processor frequency and the
SDCLK divide ratio.
2A733225h
8414h-8417h
R/W
MC_GBASE_ADD
Memory Controller Graphics Base Address Register: This register sets the graph-
ics memory base address, which is programmable on 512 KB boundaries. The
display controller and the graphics pipeline generate a 20-bit DWORD offset that
is added to the graphics memory base address to form the physical memory
address. Typically, the graphics memory region is located at the top of physical
memory.
00000000h
8418h-841Bh
R/W
MC_DR_ADD
Memory Controller Dirty RAM Address Register: This register is used to set the
Dirty RAM address index for processor diagnostic access. This register should be
initialized before accessing the MC_DR_ACC register
00000000h
841Ch-841Fh
R/W
MC_DR_ACC
Memory Controller Dirty RAM Access Register: This register is used to access
the Dirty RAM. A read/write to this register will access the Dirty RAM at the
address specified in the MC_DR_ADD register.
0000000xh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com