Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 113 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 113 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 109Page - National Semiconductor (TI) GX1 Datasheet HTML 110Page - National Semiconductor (TI) GX1 Datasheet HTML 111Page - National Semiconductor (TI) GX1 Datasheet HTML 112Page - National Semiconductor (TI) GX1 Datasheet HTML 113Page - National Semiconductor (TI) GX1 Datasheet HTML 114Page - National Semiconductor (TI) GX1 Datasheet HTML 115Page - National Semiconductor (TI) GX1 Datasheet HTML 116Page - National Semiconductor (TI) GX1 Datasheet HTML 117Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 247 page
background image
Revision 1.0
113
www.national.com
Integrated Functions (Continued)
Table 4-15. Memory Controller Registers
Bit
Name
Description
GX_BASE+ 8400h-8403h
MC_MEM_CNTRL1 (R/W)
Default Value = 248C0040h
31:29
RSVD
Reserved
28:26
RSVD
Reserved
25:23
RSVD
Reserved
22
RSVD
Reserved: Set to 0.
21
RSVD
Reserved: Must be set to 0. Wait state on the X-Bus x_data during read cycles - for debug only.
20:18
SDCLKRATE
SDRAM Clock Ratio: Selects SDRAM clock ratio:
000 = Reserved
100 = ÷ 3.5
001 = ÷ 2
101 = ÷ 4
010 = ÷ 2.5
110 = ÷ 4.5
011 = ÷ 3 (Default)
111 = ÷ 5
Ratio does not take effect until the SDCLKSTRT bit (bit 17 of this register) transitions from 0 to 1.
17
SDCLKSTRT
Start SDCLK: Start operating SDCLK using the new ratio and shift value (selected in bits [20:18] of
this register): 0 = Clear; 1 = Enable.
This bit must transition from zero (written to zero) to one (written to one) in order to start SDCLK or to
change the shift value.
16:8
RFSHRATE
Refresh Interval: This field determines the number of processor core clocks multiplied by 64 between
refresh cycles to the DRAM. By default, the refresh interval is 00h. Refresh is turned off by default.
7:6
RFSHSTAG
Refresh Staggering: This field determines number of clocks between the RFSH commands to each of
the four banks during refresh cycles:
00 = 0 SDRAM clocks
10 = 2 SDRAM clocks
01 = 1 SDRAM clocks (Default)
11 = 4 SDRAM clocks
Staggering is used to help reduce power spikes during refresh by refreshing one bank at a time. If only
one bank is installed, this field must be set to 00.
5
2CLKADDR
Two Clock Address Setup: Assert memory address for one extra clock before CS# is asserted:
0 = Disable; 1 = Enable.
This can be used to compensate for address setup at high frequencies and/or high loads.
4RFSHTST
Test Refresh: This bit, when set high, generates a refresh request. This bit is only used for testing pur-
poses.
3
XBUSARB
X-Bus Round Robin: When enabled, processor, graphics pipeline and non-critical display controller
requests are arbitrated at the same priority level. When disabled, processor requests are arbitrated at a
higher priority level. High priority display controller requests always have the highest arbitration priority:
0 = Enable; 1 = Disable.
2SMM_MAP
SMM Region Mapping: Map the SMM memory region at GX_BASE+400000 to physical address
A0000 to BFFFF in SDRAM: 0 = Disable; 1 = Enable.
1RSVD
Reserved: Set to 0.
0
SDRAMPRG
Program SDRAM: When this bit is set the memory controller will program the SDRAM MRS register
using LTMODE in MC_SYNC_TIM1.
This bit must transition from zero (written to zero) to one (written to one) in order to program the
SDRAM devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com