Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 114 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 114 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 110Page - National Semiconductor (TI) GX1 Datasheet HTML 111Page - National Semiconductor (TI) GX1 Datasheet HTML 112Page - National Semiconductor (TI) GX1 Datasheet HTML 113Page - National Semiconductor (TI) GX1 Datasheet HTML 114Page - National Semiconductor (TI) GX1 Datasheet HTML 115Page - National Semiconductor (TI) GX1 Datasheet HTML 116Page - National Semiconductor (TI) GX1 Datasheet HTML 117Page - National Semiconductor (TI) GX1 Datasheet HTML 118Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 247 page
background image
www.national.com
114
Revision 1.0
Integrated Functions (Continued)
GX_BASE+8404h-8407h
MC_MEM_CNTRL2 (R/W)
Default Value = 00000801h
31:14
RSVD
Reserved: Set to 0.
13:11
RSVD
Reserved
10
SDCLKOMSK#
Enable SDCLK_OUT: Turn on the output. 0 = Enabled; 1 = Disabled.
9
SDCLK3MSK#
Enable SDCLK3: Turn on the output. 0 = Enabled; 1 = Disabled.
8
SDCLK2MSK#
Enable SDCLK2: Turn on the output. 0 = Enabled; 1 = Disabled.
7
SDCLK1MSK#
Enable SDCLK1: Turn on the output. 0 = Enabled; 1 = Disabled.
6
SDCLK0MSK#
Enable SDCLK0: Turn on the output. 0 = Enabled; 1 = Disabled.
5:3
SHFTSDCLK
Shift SDCLK: This function allows shifting SDCLK to meet SDRAM setup and hold time requirements.
The shift function will not take effect until the SDCLKSTRT bit (bit 17 of MC_MEM_CNTRL1) transi-
tions from 0 to 1:
000 = No shift
100 = Shift 2 core clocks
001 = Shift 0.5 core clock
101 = Shift 2.5 core clocks
010 = Shift 1 core clock
110 = Shift 3 core clocks
011 = Shift 1.5 core clock
111 = Reserved
Refer to Figure 4-10 on page 124 for an example of SDCLK shifting.
2RSVD
Reserved: Set to 0.
1RD
Read Data Phase: Selects if read data is latched one or two core clock after the rising edge of SDCLK:
0 = 1 core clock; 1 = 2 core clocks.
0
FSTRDMSK
Fast Read Mask: Do not allow core reads to bypass the request FIFO: 0 = Disable; 1 = Enable.
GX_BASE+8408h-840Bh
MC_BANK_CFG (R/W)
Default Value = 41104110h
31
RSVD
Reserved: Set to 0.
30
DIMM1_
MOD_BNK
DIMM1 Module Banks (Banks 2 and 3): Selects the number of module banks installed per DIMM for
DIMM1:
0 = 1 Module bank (Bank 2 only)
1 = 2 Module banks (Bank 2 and 3)
29
RSVD
Reserved: Set to 0.
28
DIMM1_
COMP_BNK
DIMM1 Component Banks (Banks 2 and 3): Selects the number of component banks per module
bank for DIMM1:
0 = 2 Component banks
1 = 4 Component banks
Banks 2 and 3 must have the same number of component banks.
27
RSVD
Reserved: Set to 0.
26:24
DIMM1_SZ
DIMM1Size(Banks 2 and 3): Selects the size of DIMM1:
000 = 4 MB
010 = 16 MB
100 = 64 MB
110 = 256 MB
001 = 8 MB
011 = 32 MB
101 = 128 MB
111 = 512 MB
This size is the total of both banks 2 and 3. Also, banks 2 and 3 must be the same size.
23
RSVD
Reserved: Set to 0.
22:20
DIMM1_PG_SZ
DIMM1PageSize (Banks2and 3): Selects the page size of DIMM1:
000 = 1 KB
010 = 4 KB
1xx = 16 KB
001 = 2 KB
011 = 8 KB
111 = DIMM1 not installed
Both banks 2 and 3 must have the same page size. When DIMM1 (neither bank 2 or 3) is not installed,
program all other DIMM1 fields to 0.
19:15
RSVD
Reserved: Set to 0.
14
DIMM0_
MOD_BNK
DIMM0 Module Banks (Banks 0 and 1): Selects number of module banks installed per DIMM for
DIMM0:
0 = 1 Module bank (Bank 0 only)
1 = 2 Module banks (Bank 0 and 1)
Table 4-15. Memory Controller Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com