Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 116 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 116 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 112Page - National Semiconductor (TI) GX1 Datasheet HTML 113Page - National Semiconductor (TI) GX1 Datasheet HTML 114Page - National Semiconductor (TI) GX1 Datasheet HTML 115Page - National Semiconductor (TI) GX1 Datasheet HTML 116Page - National Semiconductor (TI) GX1 Datasheet HTML 117Page - National Semiconductor (TI) GX1 Datasheet HTML 118Page - National Semiconductor (TI) GX1 Datasheet HTML 119Page - National Semiconductor (TI) GX1 Datasheet HTML 120Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 247 page
background image
www.national.com
116
Revision 1.0
Integrated Functions (Continued)
10:8
RRD
ACT(0) to ACT(1) Command Period (tRRD): Minimum number of SDRAM clocks between ACT and
ACT command to two different component banks within the same module bank. The memory controller
does not perform back-to-back Activate commands to two different component banks without a READ
or WRITE command between them. Hence, this field should be set to 001.
7RSVD
Reserved: Set to 0.
6:4
DPL
Data-in to PRE command period (tDPL): Minimum number of SDRAM clocks from the time the last
write datum is sampled till the bank is precharged:
000 = Reserved
010 = 2 CLK
100 = 4 CLK
110 = 6 CLK
001 = 1 CLK
011 = 3 CLK
101 = 5 CLK
111 = 7 CLK
3:0
RSVD
Reserved: Leave unchanged. Always returns a 101h.
Note:
Refer to the SDRAM manufacturer’s specification for more information on component banks.
GX_BASE+8414h-8417h
MC_GBASE_ADD (R/W)
Default Value = 00000000h
31:18
RSVD
Reserved: Set to 0.
17
TE
Test Enable TEST[3:0]:
0 = TEST[3:0] are driven low (normal operation)
1 = TEST[3:0] pins are used to output test information
16
TECTL
Test Enable Shared Control Pins:
0 = RASB#, CASB#, CKEB, WEB# (normal operation)
1 = RASB#, CASB#, CKEB, WEB# are used to output test information
15:12
SEL
Select: This field is used for debug purposes only. Should be left at zero for normal operation.
11
RSVD
Reserved: Set to 0.
10:0
GBADD
Graphics Base Address: This field indicates the graphics memory base address, which is program-
mable on 512 KB boundaries. This field corresponds to address bits [29:19].
Note that BC_DRAM_TOP must be set to a value lower than the Graphics Base Address.
GX_BASE+8418h-841Bh
MC_DR_ADD (R/W)
Default Value = 00000000h
31:10
RSVD
Reserved: Set to 0.
9:0
DRADD
Dirty RAM Address: This field is the address index that is used to access the Dirty RAM with the
MC_DR_ACC register. This field does not auto increment.
GX_BASE+841Ch-841Fh
MC_DR_ACC (R/W)
Default Value = 0000000xh
31:2
RSVD
Reserved: Set to 0.
1D
Dirty Bit: This bit is read/write accessible.
0V
Valid Bit: This bit is read/write accessible.
Table 4-15. Memory Controller Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com