Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 117 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 117 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 113Page - National Semiconductor (TI) GX1 Datasheet HTML 114Page - National Semiconductor (TI) GX1 Datasheet HTML 115Page - National Semiconductor (TI) GX1 Datasheet HTML 116Page - National Semiconductor (TI) GX1 Datasheet HTML 117Page - National Semiconductor (TI) GX1 Datasheet HTML 118Page - National Semiconductor (TI) GX1 Datasheet HTML 119Page - National Semiconductor (TI) GX1 Datasheet HTML 120Page - National Semiconductor (TI) GX1 Datasheet HTML 121Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 247 page
background image
Revision 1.0
117
www.national.com
Integrated Functions (Continued)
4.3.5
Address Translation
The memory controller supports two address translations
depending on the method used to interleave pages. The
hardware automatically enables high order interleaving.
Low order interleaving is automatically enabled only under
specific memory configurations.
4.3.5.1
High Order Interleaving
High Order Interleaving (HOI) uses the most significant
address bits to select which bank the page is located in.
This interleaving scheme works with any mixture of DIMM
types. However, it spreads the pages over wide address
ranges. For example, two 8 MB DIMMs contain a total of
four component pages. Two pages are together in one
DIMM separated from the other two pages by 8 MB.
4.3.5.2
Auto Low Order Interleaving
The memory controller requires that banks [0:1] if both
installed, be identical and banks [2:3] if both installed, be
identical. When banks [0:1] are installed or banks [2:3] are
installed Auto Low Order Interleaving (LOI) is in effect for
those bank pairs. Therefore each DIMM (banks [0:1] or[
:[2,3) must have the same number of DIMM banks, compo-
nent banks, module sizes and page sizes.
LOI uses the least significant bits after the page bits to
select which bank the page is located in. This requires that
memory is a power of 2, that the number of banks is a
power of 2, and that the page sizes are the same. As stated
before, for LOI to work, the DIMMs have to be of the same
type. LOI does give a good benefit by providing a moving
page throughout memory. Using the same example as
above, two banks would be on one DIMM and the next two
banks would be on the second DIMM, but they would be
linear in address space. For an eight bank system that has
1 KB address (8 KB data) pages, there would be an effec-
tive moving page of 64 KB of data.
4.3.5.3
Physical Address to DRAM Address
Conversion
Tables 4-16 and 4-17 give Auto LOI address conversion
examples when two DIMMs of the same size are used in a
system. Table 4-16 shows a one DIMM bank conversion
example, while Table 4-17 shows a two DIMM bank exam-
ple.
Tables 4-18 and 4-19 give Non-Auto LOI address conver-
sion examples when either one or two DIMMs of different
sizes are used in a system. Table 4-18 shows a one DIMM
bank address conversion example, while Table 4-19 shows
a two DIMM bank example. The addresses are computed
on a per DIMM basis.
Since the DRAM interface is 64 bits wide, the lower three
bits of the physical address get mapped onto the DQM[7:0]
lines. Thus, the address conversion tables (Tables 4-16
through 4-19) show the physical address starting from A3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com