Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 115 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 115 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 111Page - National Semiconductor (TI) GX1 Datasheet HTML 112Page - National Semiconductor (TI) GX1 Datasheet HTML 113Page - National Semiconductor (TI) GX1 Datasheet HTML 114Page - National Semiconductor (TI) GX1 Datasheet HTML 115Page - National Semiconductor (TI) GX1 Datasheet HTML 116Page - National Semiconductor (TI) GX1 Datasheet HTML 117Page - National Semiconductor (TI) GX1 Datasheet HTML 118Page - National Semiconductor (TI) GX1 Datasheet HTML 119Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 247 page
background image
Revision 1.0
115
www.national.com
Integrated Functions (Continued)
13
RSVD
Reserved: Set to 0.
12
DIMM0_
COMP_BNK
DIMM0 Component Banks (Banks 0 and 1): Selects the number of component banks per module
bank for DIMM0:
0 = 2 Component banks
1 = 4 Component banks
Banks 0 and 1 must have the same number of component banks.
11
RSVD
Reserved: Set to 0.
10:8
DIMM0_SZ
DIMM0Size(Banks 0 and 1): Selects the size of DIMM1:
000 = 4 MB
010 = 16 MB
100 = 64 MB
110 = 256 MB
001 = 8 MB
011 = 32 MB
101 = 128 MB
111 = 512 MB
This size is the total of both banks 0 and 1. Also, banks 0 and 1 must be the same size.
7RSVD
Reserved: Set to 0.
6:4
DIMM0_PG_SZ
DIMM0PageSize (Banks0and 1): Selects the page size of DIMM0:
000 = 1 KB
010 = 4 KB
1xx = 16 KB
001 = 2 KB
011 = 8 KB
111 = DIMM0 not installed
Both banks 0 and 1 must have the same page size. When DIMM0 (neither bank 0 or 1) is not installed,
program all other DIMM0 fields to 0.
3:0
RSVD
Reserved: Set to 0.
GX_BASE+840Ch-840Fh
MC_SYNC_TIM1 (R/W)
Default Value = 2A733225h
31
RSVD
Reserved: Set to 0.
30:28
LTMODE
CAS Latency (LTMODE): CAS latency is the delay, in SDRAM clock cycles, between the registration
of a read command and the availability of the first piece of output data. This parameter significantly
affects system performance. Optimal setting should be used. If DIMMs are used BIOS can interrogate
EEPROM across the I2C interface to determine this value:
000 = Reserved
010 = 2 CLK
100 = 4 CLK
110 = 6 CLK
001 = Reserved
011 = 3 CLK
101 = 5 CLK
111 = 7 CLK
This field will not take effect until SDRAMPRG (bit 0 of MC_MEM_CNTRL1) transitions from 0 to 1.
27:24
RC
RFSH to RFSH/ACT Command Period (tRC): Minimum number of SDRAM clock between RFSH and
RFSH/ACT commands:
0000 = Reserved
0100 = 5 CLK
1000 = 9 CLK
1100 = 13 CLK
0001 = 2 CLK
0101 = 6 CLK
1001 = 10 CLK
1101 = 14 CLK
0010 = 3 CLK
0110 = 7 CLK
1010 = 11 CLK
1110 = 15 CLK
0011 = 4 CLK
0111 = 8 CLK
1011 = 12 CLK
1111 = 16 CLK
23:20
RAS
ACT to PRE Command Period (tRAS): Minimum number of SDRAM clocks between ACT and PRE
commands:
0000 = Reserved
0100 = 5 CLK
1000 = 9 CLK
1100 = 13 CLK
0001 = 2 CLK
0101 = 6 CLK
1001 = 10 CLK
1101 = 14 CLK
0010 = 3 CLK
0110 = 7 CLK
1010 = 11 CLK
1110 = 15 CLK
0011 = 4 CLK
0111 = 8 CLK
1011 = 12 CLK
1111 = 16 CLK
19
RSVD
Reserved: Set to 0.
18:16
RP
PRE to ACT Command Period (tRP): Minimum number of SDRAM clocks between PRE and ACT
commands:
000 = Reserved
010 = 2 CLK
100 = 4 CLK
110 = 6 CLK
001 = 1 CLK
011 = 3 CLK
101 = 5 CLK
111 = 7 CLK
15
RSVD
Reserved: Set to 0.
14:12
RCD
Delay Time ACT to READ/WRT Command (tRCD): Minimum number of SDRAM clock between ACT
and READ/WRT commands. This parameter significantly affects system performance. Optimal setting
should be used:
000 = Reserved
010 = 2 CLK
100 = 4 CLK
110 = 6 CLK
001 = 1 CLK
011 = 3 CLK
101 = 5 CLK
111 = 7 CLK
11
RSVD
Reserved: Set to 0.
Table 4-15. Memory Controller Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com