Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 27 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 27 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 23Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 24Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 25Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 26Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 27Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 28Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 29Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 30Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 31Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 323 page
background image
Bt8370/8375/8376
1.0 Pin Descriptions
Fully Integrated T1/E1 Framer and Line Interface
1.1 Pin Assignments
N8370DSE
Conexant
1-11
Clock Rate Adapter (CLAD)
CLADI
CLAD Input
I
Optional CLAD input timing reference used to phase lock CLADO and JCLK
outputs to 1 of 44 different input clock frequencies selected in the range of
8 kHz to 16384 kHz (see [CLAD registers; addr 090–092]).
REFCKI
Reference Clock
I
System must apply a 10 MHz
±50 ppm clock signal to act as frequency
reference for internal Numerical Controlled Oscillator (NCO). REFCKI
determines frequency accuracy and stability of CLADO and jitter attenuator
(JCLK) clocks when the NCO operates in free running mode (see [JFREE;
addr 002]).
REFCKI is the baseband reference for all CLAD/JAT functions and is used
internally to generate clocks of various frequencies, locked to a selected
receive, transmit, or external clock. Hence, REFCKI is always required.
CLADO
CLAD Output
O
CLADO is configured to operate at 1 of 14 different clock frequencies (see
[CSEL; addr 091]) that include T1, E1 or system bus rates. CLADO is
typically programmed to supply RSB and TSB clocks that are
phase-locked to the selected transmit, receive or CLADI timing reference
(see [JEN; addr 002 and CEN; addr 090]). On the Bt8376 device, CLAD0
drives low when enabled.
Test Access
TDI
JTAG Test Data Input
I
Test data input per
IEEE Std 1149.1-1990. Used for loading all serial
instructions and data into internal test logic. Sampled on the rising edge of
TCK. TDI can be left unconnected if it is not being used because it is pulled
up internally.
TMS
JTAG Test mode
Select
I
Active-low test mode select input per
IEEE Std 1149.1-1990. Internally
pulled-up input signal used to control the test-logic state machine.
Sampled on the rising edge of TCK. TMS can be left unconnected if it is
not being used because it is pulled up internally.
TDO
JTAG Test Data
Output
O
Test data output per
IEEE Std 1149.1-1990. Three-state output used for
reading all serial configuration and test data from internal test logic.
Updated on the falling edge of TCK.
TCK
JTAG Test Clock
I
Test clock input per IEEE Std 1149.1-1990. Used for all test interface and
internal test-logic operations. If unused, TCK must be pulled low.
Power Supply
VDD[6:0]
Power
I
+5 VDC
±5%
GND[6:0]
Ground
I
0 VDC
NOTE(S):
1. I = Input, O = Output
2. PIO = Programmable I/O; controls located at address 018.
3. Multiple signal names show mutually exclusive pin functions.
4. All output pins power up in the high-impedance state within 3,000 cycles of the applied REFCKI (see POE; addr 019,
SBI_OE; addr 0D0).
Table 1-1. Hardware Signal Definitions (8 of 8)
Pin Label
Signal Name
I/O
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com