Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 61 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 61 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 57Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 58Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 59Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 60Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 61Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 62Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 63Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 64Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 65Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 323 page
background image
Bt8370/8375/8376
2.0 Circuit Description
Fully Integrated T1/E1 Framer and Line Interface
2.5 Receive System Bus
N8370DSE
Conexant
2-33
The RSB supports five system bus rates (MHz): 1.536, 1.544, 2.048, 4.096,
and 8.192. The T1 rate without a framing bit is 1.536 MHz, consisting of 24 time
slots. The T1 rate with a framing bit 1.544 MHz. The E1 rate is 2.048 MHz,
consisting of 32 time slots. Twice the E1 rate is 4.096 MHz, consisting of 64 time
slots. Four times the E1 rate is 8.192 MHz, consisting of 128 time slots. The
4.096 and 8.192 MHz bus modes contain multiple bus members (A, B, C, D)
which allow multiple T1/E1 signals to share the same system bus. This is done by
interleaving the time slots to a maximum of four Bt8370s without external
circuitry (see Figures 2-15 and 2-17). The system bus rate is independent of the
line rate and must be selected using the System Bus Interface Configuration
register [SBI_CR; addr 0D0].
Figure 2-16. RSB 4.096 MHz Bus Mode Time Slot Interleaving
NOTE(S):
A and B time slot data comes from different Bt8370s. Output data on rising edge clock, RCPM_NEG = 0 [addr 0D1].
Output sync on rising edge clock, RSYN_NEG = 0 [addr 0D1]. RSBCKI operates at 1 times the data rate. RSB.OFFSET
equals 0.
RSBCKI
TS31A
TS31B
TS0A
TS0B
RPCMO
RFSYNC
SIG31A
SIG31B
SIG0A
SIG0B
RSIGO
Figure 2-17. RSB 8.192 MHz Bus Mode Time Slot Interleaving
NOTE(S):
A, B, C, and D data comes from different Bt8370s. Output data on rising edge clock, RCPM_NEG = 0 [addr 0D1].
Output sync on rising edge clock, RSYN_NEG = 0 [addr 0D1]. RSBCKI operates at 1 times the data rate. RSB.OFFSET
equals 0.
SIG31A
SIG31B
SIG31C
SIG31D
SIG0A
SIG0B
SIG0C
SIG0D
RSBCKI
RSIGO
RFSYNC
TS31A
TS31B
TS31C
TS31D
TS0A
TS0B
TS0C
TS0D
RPCMO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com