Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 54 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 54 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 50Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 51Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 52Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 53Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 54Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 55Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 56Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 57Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 58Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 323 page
background image
2.0 Circuit Description
Bt8370/8375/8376
2.4 Receiver
Fully Integrated T1/E1 Framer and Line Interface
2-26
Conexant
N8370DSE
2.4.8 External Receive Data Link
The External Data Link (DL3) provides signal access to any bit(s) in any time slot
of all frames, odd frames, or even frames, including T1 framing bits. Pin access to
the DL3 receiver is provided through RDLCKO and RDLO. These two pins serve
as the DL3 clock output (RDLCKO) and data output (RDLO). The data link
mode of the pins is selected using the RDL_IO bit in the Programmable
Input/Output register [PIO; addr 018].
Control of DL3 is provided in two registers: External Data Link Channel
[DL3_TS; add 015] and External Data Link Bit [DL3_BIT; addr 016]. RDL3 is
set up by selecting the bit(s) (DL3_BIT) and time slot [TS[4:0]; addr 015] to be
monitored, and then enabling the data link [DL3EN; addr 015], which starts the
RDLCKO and TDLCKO gapped clock outputs that mark the selected bits, as
shown in Figure 2-12.
2.4.9 Sa-Byte Receive Buffers
The Sa-Byte buffers give read access to the odd frame Sa bits in E1 mode. Five
receive Sa-Byte buffers [RSA4 to RSA8; addr 05B to 05F] are available. As a
group, the buffers are updated every multiframe from Sa-bits received in TS0.
This gives the processor up to 2 ms after the receive multiframe interrupt [RMF;
addr 008] occurs to read any Sa-Byte buffer before the buffer content changes.
2.4.10 Receive Data Link
The RCVR contains two independent data link controllers (DL1 and DL2) and a
Bit-Oriented Protocol (BOP) transceiver. DL1 and DL2 can be programmed to
send and receive HDLC formatted messages in the Message-Oriented Protocol
(MOP) mode. Alternatively, unformatted serial data can be sent and received over
any combination of bits within a selected time slot or F-bit channel. The BOP
transceiver can preemptively receive and transmit BOP messages, such as ESF
Yellow Alarm.
Figure 2-12. Receive External Data Link Waveforms
NOTE(S):
This waveform represents time slot 1 extraction. Any combination of bits can be selected.
F
24 F 12
23 24
1
2
F
Frame 1
24 F 1
2
23 24
12
23
F
23 24
1
F
F1
2
23
2
Frame 2
Frame 3
Frame 4
Frame 5
TS24
TS1
RCKO
RDLO
RDLCKO
RDLO
(T1: ESF)
TS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com