Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 64 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 64 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 60Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 61Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 62Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 63Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 64Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 65Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 66Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 67Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 68Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 323 page
background image
2.0 Circuit Description
Bt8370/8375/8376
2.5 Receive System Bus
Fully Integrated T1/E1 Framer and Line Interface
2-36
Conexant
N8370DSE
2.5.2 Slip Buffer
The 64-byte Receive PCM Slip Buffer [RSLIP; addr 1C0 to 1FF] resynchronizes
the Receiver Clock (RXCLK) and data (RNRZ) to the Receive System Bus Clock
(RSBCK) and data (RPCMO). RSLIP acts like an elastic store by clocking RNRZ
data in with RXCLK and clocking PCM data out on RPCMO with RSBCK.
If the system bus rate is greater than the line rate (i.e., T1 line rate and E1
system bus rate), there is a mismatched number of time slots. The mapping of line
rate time slots to system bus time slots is done by time slot assignments with the
ASSIGN bit in the System Bus Per-Channel Control register [SBC0 to SBC31;
addr 0E0 to 0FF]. ASSIGN selects which system bus time slots are used to
transport line rate time slots. Time slot mapping is done by mapping the first line
rate time slot to the first assigned system bus time slot. For example, T1 to E1
mapping might make every fourth time slot unassigned (i.e., 3, 7, 11, 15, 19, 23,
27, 31); see Figure 2-19. This distribution of unassigned time slots averages out
the idle time slots and optimizes the slip buffer use.
NOTE:
All line rate time slots must be assigned to a system bus time slot.
RSLIP has four modes of operation: Two-Frame Normal, 64-bit Elastic,
Two-Frame Short, and Bypass. RSLIP mode is set in the Receive System Bus
Configuration register [RSB_CR; addr 0D1]. RSLIP is organized as a 2-frame
buffer. This allows MPU access to frame data, regardless of the RSLIP mode
selected. Each byte offset into the frame buffer is a different time slot: offset 0 in
RSLIP is always time slot 0 (TS0), offset 1 is always TS1, and so on. The slip
buffer has processor read/write access.
Figure 2-19. T1 Line to E1 System Bus Time Slot Mapping
NOTE(S):
1. u = unassigned time slots
2. FA = T1 frame bit for frame A
FA
2
3
4
5
24 FB 1
2
4
123
3
0
2
3
4
5
16
28
30 31
0
1
29
2
RNRZ
RPCMO
Frame A
Frame B
u
7
u
27
u
6
u
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com