Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 18 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 18 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 14Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 15Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 16Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 17Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 18Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 19Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 20Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 21Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 22Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 323 page
background image
1.0 Pin Descriptions
Bt8370/8375/8376
1.1 Pin Assignments
Fully Integrated T1/E1 Framer and Line Interface
1-2
Conexant
N8370DSE
Figure 1-1. Bt8370/8375/8376 Pinout Diagram
NOTE(S):
1. Default pin assignments listed first for pins with multiple modes.
2. Motorola-style processor pin names listed first with Intel pins in parentheses.
3. Pin 66 is not connected for the Bt8376 device.
SYNCMD
CS*
INTR*
DS* (RD*)
AS* (ALE)
R/W*(WR*)
VDD[0]
GND[0]
A[0]
AD[0]
A[1]
AD[1]
A[2]
AD[2]
A[3]
AD[3]
A[4]
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
Bt8370/8375/8376
18
19
20
AD[4]
A[5]
AD[5]
VDD[4]
VDD[3]
XTIP
XRING
GND[3]
TDI
TDO
TCK
TMS
ACKI
VDD[2]
GND[2]
RCKO
RPOSO/RDLO
RNEGO/RDLCKO
RSBCKI
RMSYNC
RFSYNC
RPCMO
TPOSI/TDLI
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
80-Pin MQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com