Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 60 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 60 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 56Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 57Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 58Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 59Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 60Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 61Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 62Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 63Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 64Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 323 page
background image
2.0 Circuit Description
Bt8370/8375/8376
2.5 Receive System Bus
Fully Integrated T1/E1 Framer and Line Interface
2-32
Conexant
N8370DSE
2.5 Receive System Bus
The Receive System Bus (RSB) provides a high-speed, serial interface between
the RCVR and the system bus. The system bus is compatible with the Mitel
ST-Bus, the Siemens PEB Bus, and the AT&T CHI Bus, and directly connects to
other CONEXANT serial TDM bus devices with no need for any external
circuitry.
The RSB has the following seven pins: Receive System Bus Clock (RSBCKI),
Receive PCM Data (RPCMO), Receive Signaling Data (RSIGO), Receive Frame
Sync (RFSYNC), Receive Multiframe Sync (RMSYNC), Receive Time Slot
Indicator (RINDO), and Signaling Freeze (SIGFRZ). Figure 2-15 illustrates the
relationship between these signals. (Pin definitions are provided in
Table 1-1, Hardware Signal Definitions.) RSB data outputs can be configured to
output on the rising or falling edge of RSBCKI. See the Receive System Bus
Configuration register [RSB_CR; addr 0D1].
Figure 2-15. RSB Waveforms
NOTE(S):
The Receive Multiframe Sync (RMSYNC) occurs every 6 ms for 48 T1 or 48 E1 frames.
RSBCKI
12
3
4
5
6
7
8
1
2
3
4
5
6
7
8
12
AB
C
D
A
B
C
D
A
B
C
D
A
B
C
D
AB
1
2
3
4
5
6
78
F
1
2
3
45
6
7
81
A
B
C
D
AB
C
D
X
AB
C
D
A
B
C
DA
RPCMO
RINDO
RSIGO
RPCMO
RINDO
RSIGO
SIGFRZ
RFSYNC
RMSYNC
Frame 48 TS 31
Frame 1 TS 0
Frame 48 TS 24
Frame 1 TS 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com