Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 83 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 83 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 79Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 80Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 81Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 82Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 83Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 84Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 85Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 86Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 87Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 323 page
background image
Bt8370/8375/8376
2.0 Circuit Description
Fully Integrated T1/E1 Framer and Line Interface
2.8 Transmitter
N8370DSE
Conexant
2-55
DL1 and DL2 are configured identically, except for their offset in the register
map. The DL1 address range is 0A4 to 0AE, and the DL2 address range is 0AF to
0B9. From this point on, the DL1 is used to describe the operation of both data
link controllers. Transmit Data Link 1 (TDL1) can be viewed as having a higher
priority than Transmit Data Link 2 (TDL2) because TDL1 overwrites the primary
rate channel after TDL2. Thus, any data that TDL2 writes to the primary rate
channel can be overwritten by TDL1, if TDL1 is configured to transmit in the
same time slot as TDL2.
The TDL1 is enabled using the DL1 Control register [DL1_CTL; addr 0A6].
TDL1 does not overwrite time slot data until it is enabled. DL1_CTL also
controls the data format and the circular buffer/FIFO mode.
The following data formats [DL1[1,0]; addr 0A6] are supported on the data
link: Frame Check Sequence (FCS), non-FCS, Pack8, or Pack6. FCS and
non-FCS are HDLC-formatted messages. Pack8 and Pack6 are unformatted
messages with 8 bits per FIFO access, and 6 bits per FIFO access, respectively.
The Circular Buffer/FIFO control bit [TDL1_RPT; addr 0A6] allows the FIFO
to act as a circular buffer; in this mode, a message can be transmitted repeatedly.
This feature is available only for unformatted transmit data link applications. The
processor can repeatedly send fixed patterns on the selected channel by writing a
1- to 64- byte message into the circular buffer. The programmed message length
repeats until the processor writes a new message. The first byte of each
unformatted message is output automatically, aligned to the first frame of the 12-,
24-, or 16-frame transmit multiframe (SF/ESF/MFAS). This allows the processor
to source overhead or data elements aligned to the TX timebase.
NOTE:
Each unformatted message written is output-aligned only after the
preceding message completes transmission. Therefore, data continuity is
retained during the linkage of consecutive messages, provided that the
contents of each message consists of a multiple of the multiframe length.
Time slot and bit selection is done through the DL1 Time Slot Enable
[DL1_TS; addr 0A4] and DL1 Bit Enable [DL1_BIT; addr 0A5] registers.
DL1_TS selects which frames and which time slot are overwritten. The frame
select allows TDL1 to overwrite the time slot in all frames, odd frames, even
frames. The time slot word enable is a value between 0 and 31 that selects which
time slot is filled with data from the transmit data link buffer. DL1_BIT selects
which bits are overwritten in the time slot selected. Table 2-10 lists commonly
used data link settings.
Table 2-10. Commonly Used Data Link Settings
Data Link
Frame
Time Slot
Time Slot
Bits
Mode
ESF FDL
Odd
0 (F-bits)
Don’t Care
FCS
T1DM R Bit
All
24
00000010
FCS
SLC-96
Even
0 (F-bits)
Don’t Care
Pack6
ISDN LAPD
All
N
11111111
FCS
CEPT Sa4
Odd
1
00001000
FCS
NOTE(S):
N represents any T1/E1 time slot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com