Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 98 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 98 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 94Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 95Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 96Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 97Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 98Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 99Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 100Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 101Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 102Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 323 page
background image
2.0 Circuit Description
Bt8370/8375/8376
2.9 Transmit Line Interface Unit
Fully Integrated T1/E1 Framer and Line Interface
2-70
Conexant
N8370DSE
2.9.1 Pulse Shape
Normalized and isolated AMI output pulses fit the T1/E1 pulse templates in
Figures 2-35 and 2-37 when measured in accordance with the test circuits in
Figures 2-36 and 2-38. Table 2-15 through Table 2-22 list the pulse template
corner points. An isolated pulse is defined as a 1 followed by seven 0s for T1, and
a 1 followed by three 0s for E1. The pulse templates shown in Figures 2-35 and
2-37 come from ANSI T1.403-1995, ITU-T G.703, and ANSI T1.102-1993.
Figure 2-35. Standard DS1 Pulse Template
T1.403-1989
T1.102-1987
CCITT G.703
-1
-0.5
0
0.5
1
1.5
-1
-0.5
0
0.5
1
1.5
Time in Unit Intervals
T1.403-1995
T1.102-1987
CCITT G.703
Figure 2-36. T1 Pulse Template Test Circuit
NOTE(S):
RLoad = 100 Ω ± 5%.
Bt8370
XTIP
XRING
RLoad
VOUT
Cable Length
0 To 655 Ft.
19/22/24/26 AWG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com