Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 102 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 102 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 98Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 99Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 100Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 101Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 102Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 103Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 104Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 105Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 106Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 323 page
background image
2.0 Circuit Description
Bt8370/8375/8376
2.9 Transmit Line Interface Unit
Fully Integrated T1/E1 Framer and Line Interface
2-74
Conexant
N8370DSE
The pulse shape block receives P and N rail NRZ data. For each mark, it
produces a set of eight 6-bit values which define the pulse shape to be transmitted,
as illustrated in Figure 2-39. One of eight preprogrammed pulse shapes is
selected via the Transmit LIU Configuration register [TLIU_CR; addr 068]. The
TLIU control circuit downloads the code values associated with the selected pulse
shape from the ROM to the Transmit Pulse Shape Configuration registers
[SHAPE; addr 060–067], whenever the TLIU register is written to or when the
device is reset. The SHAPE registers can be directly accessed via the
microprocessor interface when a custom pulse shape is desired.
NOTE:
Any modification to the TLIU register initiates another download to the
SHAPE registers. The data stored in the pulse shape ROM and the SHAPE
registers is 5-bit magnitude only.
The TLIU control circuit converts the 5-bit magnitude to 6-bit 2's complement
data. The first 4 code values of the pulse (first half of the symbol) are forced to be
positive, and the last 4 values (last half of the symbol) are forced to be negative,
with respect to output pulse polarity.
Figure 2-39. Digitized AMI Pulse Shape
7
0 1 2 3 4 5 6 7
0 123 4 5 6 7
0 1 234 5 6 7 0
Shape Data
Magnitude
0x00–0x1F
Positive Pulse
No Pulse
Negative Pulse
TCKO
8TCKO
ShapeAddr [060–067]
Digitized
AMI Pulses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com