Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 51 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 51 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 47Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 48Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 49Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 50Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 51Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 52Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 53Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 54Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 55Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 323 page
background image
Bt8370/8375/8376
2.0 Circuit Description
Fully Integrated T1/E1 Framer and Line Interface
2.4 Receiver
N8370DSE
Conexant
2-23
Table 2-3. Criteria for Loss/Recovery of Receive Framer Alignment (1 of 2)
Mode
Description
FAS
Basic Frame Alignment (BFA) is recovered when the following search criteria are satisfied:
•
FAS pattern (0011011) is found in frame N.
•
Frame N+1 contains bit 2 equal to 1.
•
Frame N+2 also contains FAS pattern (0011011).
During FAS-only modes, BFA is recovered when the following search criteria are satisfied:
•
FAS pattern (0011011) is found in frame N.
•
No mimics of the FAS pattern are present in frame N+1.
•
FAS pattern (0011011) is found in frame N+2.
NOTE(S):
If FAS pattern is not found in frame N+2, or if FAS mimic is found in frame N+1, the search restarts in
frame N+2.
Loss of FAS frame alignment (FRED) is declared when 1 of the following criteria is met:
•
Three consecutive FAS pattern errors are detected when the FAS pattern consists of a 7-bit (x0011011)
pattern in FAS frames, and if FS_NFAS is also active [addr 045], the FAS pattern includes bit 2 of NFAS
frames.
•
Loss of MFAS (MRED) is due to 915 or more CRC errors out of 1000.
•
Failure to locate two valid MFAS patterns within 8 ms after BFA.
NOTE(S):
In all cases, FRED causes next search for FAS alignment to begin 1 bit after the current FAS location.
BSLIP
FAS Bit Slip Enable. Applicable only for Dutch PTT national applications. If BSLIP is enabled, the online framer is
allowed to change RX timebase by
±1 bit when a 1-bit FAS pattern slip is detected. BSLIP does not affect the offline
framer's search criteria.
MFAS
CRC4 Multiframe Alignment is recovered when the following search criteria are satisfied:
•
BFA is recovered, identifying FAS and NFAS frames.
•
Within 8 ms after BFA, bit 1 of NFAS frames contains two MFAS patterns (001011xx). The second MFAS
must be aligned with respect to first MFAS, but the second MFAS pattern is not necessarily received in
consecutive frames.
•
Within 8 ms after BFA, bit 1 of NFAS frames contains the second MFAS pattern (001011xx), aligned to first
MFAS.
Loss of MFAS alignment (MRED) declared when 1 of the following criteria is met:
•
915 or more CRC4 errors out of 1000 (submultiframe) blocks.
•
Loss of FAS (FRED).
NOTE(S):
If Disable 915 CRC Reframe is set [RLOFD; addr 040], then MRED is activated only by FRED.
CAS
CAS Multiframe Alignment is recovered when the following search criteria are satisfied:
•
BFA is recovered, identifying TS0 through TS31.
•
MAS (0000xxxx) multiframe alignment signal pattern is found in the first 4 bits of TS16, and 8 bits of TS16
in preceding frame contains non-0 value.
Loss of CAS alignment (SRED) is declared when 1 of the following criteria is met:
•
Two consecutive MAS pattern errors are detected.
•
TS16 contains all 0s in 2 multiframes (32 consecutive frames).
•
Loss of FAS (FRED).
FT Only
Terminal frame alignment is recovered when the following occurs:
The first valid Ft pattern (1010) is found in 12 alternate F-bit locations (3 ms), where F-bits are separated by 193
bits.
During Ft-only mode, loss of frame alignment (FRED) is declared when the number of Ft bit errors detected meets
selected loss of frame criteria [RLOFA–RLOFC; addr 040].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com