Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 65 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 65 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 61Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 62Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 63Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 64Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 65Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 66Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 67Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 68Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 69Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 323 page
background image
Bt8370/8375/8376
2.0 Circuit Description
Fully Integrated T1/E1 Framer and Line Interface
2.5 Receive System Bus
N8370DSE
Conexant
2-37
In Normal mode, the slip buffer total depth is two 193-bit frames (T1) or two
256-bit frames (E1). Data is written to the slip buffer using RXCLK and read
from the slip buffer using RSBCK. If a slight rate difference between the clocks
occurs, the slip buffer changes from its initial condition—approximately half
full—by either adding or removing frames. If RXCLK writes to the slip buffer
faster than RSBCK reads the data, the buffer fills up. When the slip buffer in
Normal mode is full, an entire frame of data is deleted. Conversely, if RSBCK
reads the slip buffer faster than RXCLK writes the data, the buffer becomes
empty. When the slip buffer in Normal mode is empty, an entire frame of data is
duplicated. When an entire frame is deleted or duplicated it is known as a Frame
Slip (FSLIP), which is always 1 full frame of data. The FSLIP status is reported in
the Slip Buffer Status register [SSTAT; addr 0D9]. In T1 mode, the F-bit is treated
as part of the frame and can slip accordingly.
In 64-bit Elastic mode, the slip buffer total depth is 64 bits, and the initial
throughput delay is 32 bits, half of the total depth. Similar to Normal mode,
Elastic mode allows the system bus to operate at any of the programmable rates,
independent of the line rate. The advantage of this mode over the Normal mode is
that throughput delay is reduced from 1 frame to an average of 32 bits, and the
output multiframe always retains its alignment with respect to the output data.
The disadvantage of this mode is handling the full and empty buffer conditions.
In Elastic mode, an empty or full buffer condition causes an Uncontrolled Slip
(USLIP). Unlike an FSLIP, a USLIP is of unknown size within the range of
1 to 256 bits of data. The USLIP status is reported in SSTAT.
The Two-Frame Short mode combines the depth of the Normal mode with the
throughput delay of the Elastic mode. The Two-Frame Short mode begins in the
Elastic mode with a 32-bit initial throughput delay, and switches to the Normal
mode when the buffer becomes empty or full; thereafter the Two-Frame Short and
Normal mode perform identically. If the slip buffer is full (two frames) in the
Two-Frame Short mode, an FSLIP is reported, after which the slip buffer and
Two-Frame mode perform identically.
In Bypass mode, data is immediately clocked through RSLIP from the RCVR
to RSB, and RCKO internally replaces the system bus clock.
2.5.3 Signaling Buffer
The 32-byte Receive Signaling Buffer [RSIG; addr 1A0 to 1BF] stores a single
multiframe of signaling data. Each byte offset into RSIG contains signaling data
for a different time slot: offset 0 stores TS0 signaling data, offset 1 stores TS1
signaling data and so on. The signaling data is stored in the least significant 4 bits
of RSIG. The output signaling data is stored in the most significant 4 bits of
RSIG. Similar to RSLIP, RSIG buffer has read/write processor access to read or
overwrite signaling information. RMSYNC extracts robbed-bit signaling from
RSIG onto RPCMO; RFSYNC extracts ABCD signaling from RSIG onto
RSIGO.
The RSIG buffer has the following configurable features:
•
transparent, robbed-bit signaling
•
signaling freeze
•
debounce signaling
•
unicode detection
Each feature is available in the Receive Signaling Configuration register
[RSIG; addr 0D7]. See the registers section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com