Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 82 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 82 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 78Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 79Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 80Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 81Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 82Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 83Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 84Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 85Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 86Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 323 page
background image
2.0 Circuit Description
Bt8370/8375/8376
2.8 Transmitter
Fully Integrated T1/E1 Framer and Line Interface
2-54
Conexant
N8370DSE
2.8.1 External Transmit Data Link
The External Data Link (DL3) allows the system to supply externally any bits in
any time slot of all frames, odd frames, or even frames, including T1 framing bits.
Pin access to the DL3 transmitter is provided through TDLCKO and TDLI, which
serve as the TDL3 clock output (TDLCKO) and data input (TDLI). The mode of
the pins is selected using TDL_IO bit in the Programmable Input/Output register
[PIO; addr 018].
Control of DL3 format is provided in two registers: External Data Link Time
Slot [DL3_TS; addr 015] and External Data Link Bit [DL3_BIT; addr 016].
Transmit DL3 is set up by selecting the bit(s) [DL3_BIT], and time slot [TS[4:0];
addr 015] to be overwritten, and then enabling the data link [DL3EN; addr 015].
Enabling the data link starts TDLCKO for gating the NRZ data provided on
TDLI. See Figure 2-29.
2.8.2 Transmit Data Links
The XMTR contains two independent data link controllers (DL1, DL2):
a Performance Report Message (PRM) generator and a Bit-Oriented Protocol
(BOP) transceiver. DL1 and DL2 can be programmed to send and receive HDLC
formatted messages in the Message Oriented Protocol (MOP) mode, or
unformatted serial data can be sent and received in any combination of bits within
a selected time slot or F-bit channel. The PRM message generator can
automatically send 1-second performance reports. The BOP transceiver can
preemptively transmit BOP messages, such as ESF Yellow Alarm.
2.8.2.1 Data Link
Controllers
The Bt8370 and Bt8375 provide two internal data link controllers, and the Bt8376
provides a single controller. DL1 and DL2 control the serial data channels, which
operate in multiples of 4 kbps to the maximum 64 kbps time slot rate. This is done
by selecting a combination of bits from either odd, even, or all frames. Both data
link controllers support ESF Facilities Data Link (FDL), SLC-96 data link,
Sa data link, Common Channel Signaling (CCS), Signaling System #7 (SS7);
ISDN LAPD channels; Digital Multiplexed Interface (DMI) signaling in TS24;
and the latest ETSI V.51 and V.52 signaling channels. DL1 and DL2 each contain
a 64-byte transmit buffer which function either as programmable length circular
buffers in transparent (unformatted) mode, or as full-length data FIFOs in
formatted (HDLC) mode.
Figure 2-29. Transmit External Data Link Waveforms
NOTE(S):
This example shows bits 1, 2, 7, and 8 of TS9 selected. Any combination of time slot bits can be selected.
TDLI
TDLCKO
1
2
7
8
TS8
TS9
TS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com