Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 86 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 86 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 82Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 83Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 84Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 85Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 86Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 87Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 88Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 89Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 90Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 323 page
background image
2.0 Circuit Description
Bt8370/8375/8376
2.8 Transmitter
Fully Integrated T1/E1 Framer and Line Interface
2-58
Conexant
N8370DSE
Bt8370/8375/8376 uses a hierarchical interrupt structure, with 1 top-level
Interrupt Request register [IRR; addr 003] directing software to the lower levels.
Of all the interrupt sources, the 2 most significant bandwidth requirements are
signaling and data link interrupts. Each data link controller has a top-level
interrupt status register that reports data link operations (see Data Link 1 and 2
Interrupt Status registers [ISR2; addr 009, and ISR1; 00A]). The processor uses a
2-step interrupt scheme for the data link: it reads the Interrupt Request register,
then uses that register value to read the corresponding Data Link Interrupt Status
register.
Figure 2-31. Interrupt Driven Transmit Data Link Processing
Transmit Message
Write Block/Byte to FIFO
No
Process Other Interrupt
Yes
Return
Write Block/Byte to FIFO
If
End of
Message
Yes
Message
Block 1
Block 2
Block 3
0x00
0x20
0x40
Main Line Code
Return
Interrupt Service Routine
Interrupt Occurred
Read Interrupt Status
If
Transmit Data
Link Near Empty
Interrupt
No
Return
Write End of Message Register
Return
Block 4
0x60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com