Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 55 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 55 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 51Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 52Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 53Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 54Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 55Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 56Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 57Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 58Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 59Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 323 page
background image
Bt8370/8375/8376
2.0 Circuit Description
Fully Integrated T1/E1 Framer and Line Interface
2.4 Receiver
N8370DSE
Conexant
2-27
2.4.10.1 Data Link
Controllers
The Bt8370 and Bt8375 provide two internal data link controllers, and the Bt8376
provides a single controller (DL1). DL1 and DL2 control two serial data channels
operating at multiples of 4 kbps—up to the full 64 kbps time slot rate—by
selecting a combination of bits from odd, even, or all frames. Both DL1 and DL2
support the following: ESF Facilities Data Link (FDL), SLC-96 Data Link,
Sa Data Link, Common Channel Signaling (CCS), Signaling System #7 (SS7),
ISDN LAPD channels, Digital Multiplexed Interface (DMI) Signaling in TS24,
ETSI V.5.1 and V.5.2 control channels. DL1 and DL2 each contain a 64-byte
receive buffer that functions as either programmable length circular buffers or
full-length data FIFOs.
Both data link controllers are configured identically, except for their offset in
the register map. The DL1 address range is 0A4 to 0AE, and the DL2 address
range is 0AF to 0B9. From this point on, DL1 is used to describe the operation of
both data link controllers.
DL1 is enabled using the DL1 Control register [DL1_CTL; addr 0A6]. DL1
does not function until it is enabled. DL1_CTL also controls the format of the
data. The following data formats [DL1[1:0]; addr 0A6] are supported on the data
link: Frame Check Sequence (FCS), non-FCS, Pack8, or Pack6. FCS and
non-FCS are HDLC formatted messages. Pack8 and Pack6 are unformatted
messages with 8 bits per FIFO access, or 6 bits per FIFO access, respectively
(see Table 2-4).
Table 2-4. Commonly Used Data Link Settings
Data Link
Frame
Time Slot
Time Slot Bits
Mode
ESF FDL
Odd
0 (F-bits)
Don’t Care
FCS
T1DM R Bit
All
24
00000010
FCS
SLC-96
Even
0 (F-bits)
Don’t Care
Pack6
ISDN LAPD
All
N
11111111
FCS
Sa4
Odd
1
00001000
FCS
NOTE(S):
N represents any T1/E1 time slot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com