Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 35 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 35 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 31Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 32Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 33Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 34Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 35Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 36Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 37Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 38Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 39Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 323 page
background image
Bt8370/8375/8376
2.0 Circuit Description
Fully Integrated T1/E1 Framer and Line Interface
2.2 Receive Line Interface Unit
N8370DSE
Conexant
2-7
2.2.1 Data Recovery
The RLIU recovers data from the received analog signal by normalizing the
signal with the Variable Gain Amplifier (VGA) and the Automatic Gain Control
(AGC), removing distortion with the Adaptive Equalizer, and extracting the data
using the Data Slicer.
2.2.1.1 Automatic Gain
Control
The AGC circuit adjusts the gain of the incoming differential signal to achieve a
normalized level. The normalized level ensures that the input signal to the ADC is
75% to 100% of full scale. This is done by measuring the peak voltage of the
incoming signal with a peak detector, and inversely adjusting VGA gain based the
peak value. The AGC can be forced to a fixed gain for test purposes or limited to
a maximum value, which is the normal operating mode (see [FORCE_VGA;
addr 020]).
2.2.1.2 Variable Gain
Amplifier
The FORCE_VGA bit in the LIU Configuration register [LIU_CR; addr 020]
selects whether the AGC operates in Gain Limit mode or Fixed Gain mode. In
Gain Limit modes, the RLIU sensitivity is initially set to the maximum
(approximately 43 dB), and the gain is adjusted based the peak value recorded
during the AGC observation period. The AGC observation period can be set to 32,
128, 512, or 2048 symbol periods [RLIU_CR; addr 022]. A short observation
period allows quick responses to pulse height variations but possible overshoots.
A long observation period minimizes overshoots, but does not react quickly to
pulse height variations. The real-time status of the VGA gain setting can be read
in the Variable Gain Amplifier Status register [VGA; addr 029] and used to
approximate the receive analog signal level.
In Fixed Gain mode, the RLIU sensitivity is set to the value stored in the
Variable Gain Amplifier Maximum register [VGA_MAX; addr 024]. VGA_MAX
is a 6-bit register that allows up to 64 gain settings in 1.25 dB steps.
2.2.1.3 Adaptive
Equalizer
After the input amplitude has been normalized, the adaptive equalizer attempts to
remove the distortion introduced by the cable. The transfer function of the
equalizer is initially adjusted based on the peak value of the input signal because
this value provides some indication of the line length on the input. The Adaptive
Equalizer then automatically fine tunes to remove most of the signal distortion
due to intersymbol interference, noise, and other cable length effects.
In certain applications the device can be connected to a DSX monitor point
that has been resistively attenuated. Because this resistive attenuation adds no
phase-versus-frequency distortion, the VGA gain must be adjusted. This is done
by configuring the Receive Pad Resistor Compensation (ATTN[1,0]) in the LIU
Configuration register [LIU_CR; addr 020]. The resistive attenuation can be
configured to be either 0, –10, –20, or –30 dB.
2.2.1.4 Data Slicer
The Data Slicer extracts the data from the equalized signal by comparing the
differential inputs to threshold values. The threshold values are dynamically set,
based on a percentage of the peak level obtained by the peak detector. The
percentage is 50% of peak for both DS1 and CEPT. Dynamically adjusting the
threshold values ensures optimum signal-to-noise ratio. If the SQUELCH bit is
set in the LIU Configuration register [LIU_CR; addr 020] and the input signal
level is below threshold for the entire AGC observation period (EYEOPEN = 0),
Data Slicer output is forced to all 0s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com