Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 17 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 17 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 13Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 14Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 15Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 16Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 17Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 18Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 19Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 20Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 21Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 323 page
background image
Bt8370/8375/8376
1.0 Pin Descriptions
Fully Integrated T1/E1 Framer and Line Interface
1.1 Pin Assignments
N8370DSE
Conexant
1-1
1
1.0 Pin Descriptions
1.1 Pin Assignments
Bt8370/8375/8376 is packaged in an 80-pin Metric Quad Flat Pack (MQFP). A
pinout diagram of this device is illustrated in Figure 1-1. Figure 1-2 details a
Bt8370/8375/8376 logic diagram. Pin labels, names, I/O functions, and
descriptions are provided in Table 1-1.
The input pins listed below contain an internal pullup resistor (>50 k
Ω) and
can remain unconnected if the active-high input state is desired. All other unused
input pins should be either pulled up or grounded.
1
A[7:0]
Address lines unused in INTEL bus mode
2
XOE
Active-high enables analog bipolar output
3
MOTO*
Pullup selects INTEL bus mode if unconnected
4
SYNCMD Pullup selects synchronous processor interface
5
RCKI
Receive clock unused if analog inputs enabled
6
TDI
Unused if JTAG not connected
7
TMS
Disables JTAG if not connected
8
TCK
Unused if JTAG not connected
9
RST*
Disables hardware reset if not connected
10
TDLI
Unused if no external data link
11
TSIGI
Unused if signaling data not supported by system
bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com