Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 75 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 75 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 71Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 72Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 73Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 74Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 75Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 76Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 77Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 78Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 79Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 323 page
background image
Bt8370/8375/8376
2.0 Circuit Description
Fully Integrated T1/E1 Framer and Line Interface
2.7 Transmit System Bus
N8370DSE
Conexant
2-47
The TSB supports five system bus rates (MHz): 1.536, 1.544, 2.048, 4.096,
and 8.192. The T1 rate, with 24 time slots and without framing bits, is
1.536 MHz. The T1 rate with framing bits is 1.544 MHz. The E1 rate, with
32 time slots, is 2.048 MHz. The 4.096 MHz rate is twice the E1 rate, with
64 time slots. The 8.192 MHz rate is 4 times the E1 rate, with 128 time slots.
The 4.096 and 8.192 MHz bus modes contain multiple bus members (A, B, C,
and D), of which 1 bus member is selected by the SBI [3:0] bits in the System Bus
Interface Configuration register [SBI_CR; 0D0]. See Figures 2-25 and 2-25.
The system bus rate is independent of the line rate and must be selected using the
System Bus Interface Configuration register.
Figure 2-24. Transmit System Bus Waveforms
TSBCKI
1
2
3
4
56
7
8
1
23
4
5
6
7
8
12
X
X
X
X
AB
C
D
X
XX
X
A
B
C
D
XX
1
2
3
4
5
6
78F
1
2
3
4
5
6
7
81
XX
X
X
A
B
C
D
X
X
X
X
X
A
B
C
DX
TPCMO
TINDO
TSIGI
TPCMI
TINDO
TSIGI
TFSYNC
TMSYNC
Frame 48 TS 31
Frame 1TS 0
Frame 48 TS 24
Frame 0 TS 1
E1
T1
Figure 2-25. TSB 4.096 MHz Bus Mode Time Slot Interleaving
NOTE(S):
A and B time slot data comes from different Bt8370s. TSBCKI can be operated at 1 or 2 times the data rate.
TSBCKI
TS31A
TS31B
TS0A
TS0B
TPCMI
TFSYNC
SIG31A
SIG31B
SIG0A
SIG0B
TSIGI
Figure 2-26. TSB 8.192 MHz Bus Mode Time Slot Interleaving
NOTE(S):
A, B, C, and D time slot data comes from different Bt8370s. TSBCKI can be operated at 1 or 2 times the data rate.
SIG31A
SIG31B
SIG31C
SIG31D
SIG0A
SIG0B
SIG0C
SIG0D
TSBCKI
TSIGI
TFSYNC
TS31A
TS31B
TS31C
TS31D
TS0A
TS0B
TS0C
TS0D
TPCMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com