Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 37 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 37 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 33Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 34Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 35Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 36Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 37Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 38Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 39Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 40Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 41Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 323 page
background image
Bt8370/8375/8376
2.0 Circuit Description
Fully Integrated T1/E1 Framer and Line Interface
2.3 Jitter Attenuator
N8370DSE
Conexant
2-9
2.3 Jitter Attenuator
The Jitter Attenuator (JAT), illustrated in Figure 2-8, attenuates jitter in the
receive or transmit path, but not both simultaneously. In the receive configuration,
the line signal is recovered by the RLIU and is dejittered before it is decoded by
the RCVR. In the transmit configuration, the encoded signal from the transmit
block is dejittered before it is transmitted by the Transmit Line Interface Unit
(TLIU). The JAT receive/transmit configuration is done through the JDIR bit in
the Jitter Attenuator Configuration register [JAT_CR; addr 002]. The JAT can also
be completely disabled using the Jitter Attenuation (JEN) bit in the JAT_CR
register.
Figure 2-8. Jitter Attenuator Block Diagram
Tin
Tout
Rin
Rout
or
RJAT
TJAT
To/From TLIU
JCLK
RXCLK
To RLIU
From RLIU
TXCLK
JCLK
To JPHASE
Depth
(to CLAD)
(from CMUX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com