Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 33 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 33 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 29Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 30Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 31Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 32Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 33Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 34Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 35Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 36Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 37Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 323 page
background image
Bt8370/8375/8376
2.0 Circuit Description
Fully Integrated T1/E1 Framer and Line Interface
2.2 Receive Line Interface Unit
N8370DSE
Conexant
2-5
2.2 Receive Line Interface Unit
The Receive Line Interface Unit (RLIU) recovers clock and data from the bipolar
Alternate Mark Inversion (AMI) line signal that has been attenuated and distorted
due to the characteristics of the line. In the Bt8370 device, the RLIU is sensitive
to signals attenuated in the range of 0 to –48 dB in E1 and T1 modes. In the
Bt8375 and Bt8376 devices, RLIU sensitivity is limited for short-haul only
applications. In addition, the RLIU interfaces at the DSX-1 Bridge Monitor Level
(–20 dB for DS1 and –30 dB for E1/CEPT).
The RLIU converts AMI pulses into P and N rail Non-Return to 0 (NRZ) data.
The AMI pulses are input on the receive tip and ring pins: RTIP and RRING
(Figure 2-4). The P and N rail NRZ data is then passed to the RCVR. The RCVR
dual rail output is available on RPOSO/RNEGO. Figure 2-5 illustrates the
relationship between the AMI received signal, the recovered clock, and the
RCVR dual rail outputs.
Figure 2-4. RLIU Diagram
Adaptive
Equalizer
ADC
VGA
Data
Slicer
RPLL
RCKI
RTIP
RRING
RPOSO
RNEGO
To JAT From JAT
Analog Loopback
RNEGI
RPOSI
RNEGI
RPOSI
O
1
O
1
O
1
ALOOP
RDIGI
RJAT
1
O
RXCLK
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com