Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 71 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 71 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 67Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 68Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 69Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 70Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 71Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 72Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 73Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 74Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 75Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 323 page
background image
Bt8370/8375/8376
2.0 Circuit Description
Fully Integrated T1/E1 Framer and Line Interface
2.6 Clock Rate Adapter
N8370DSE
Conexant
2-43
Tables 2-8 and 2-9 list examples of program values for selecting various
CLADO and CLADI frequencies. Typically, only 1 selection is needed for a given
system configuration. The processor reconfigures the timing reference [CEN;
addr 090] as needed to respond to system conditions where the primary reference
is unavailable.
2.6.1 Configuring the CLAD Registers
Step 1
Choose a CLADO output frequency. Table 2-8 lists all possible CLADO output
clock frequencies. For system bus applications, valid CLADO frequencies are
1544 kHz, 1536 kHz, 2048 kHz, 4096 kHz, and 8192 kHz.
Step 2
Configure OSEL and XSEL from Table 2-8. OSEL and XSEL together select the
CLADO output frequency. In some cases, there are two options for generating the
desired output signal. Selecting an option with both T1/E1 and XSEL settings
equal to don’t-care (X in the table) allows greater flexibility in subsequent options
below, and also results in a fixed CLADO frequency when switching framer
operation between T1 and E1 modes.
Step 3
If CLADI is the timing reference source (CEN = 1), select the desired CLAD
timing reference frequency from Table 2-9. If CEN = 0, the CLAD reference is
RXCLK (line rate), TXCLK (line rate), or free run (REFCKI) and Table 2-9 is
not applicable.
Table 2-8. CLADO Frequencies Selection
CLADO (kHz)
T1/E1
OSEL
XSEL
1024
X
0
X
2048
X
1
X
07
0
4096
X
2
X
07
1
8192
X
3
X
07
2
2560
X
4
X
1536
X
6
X
1544
1
7
0
X5
X
3088
1
7
1
6176
1
7
2
12352
1
7
3
16384
0
7
3
X8
X
NOTE(S):
X = Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com