Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 88 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 88 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 84Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 85Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 86Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 87Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 88Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 89Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 90Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 91Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 92Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 323 page
background image
2.0 Circuit Description
Bt8370/8375/8376
2.8 Transmitter
Fully Integrated T1/E1 Framer and Line Interface
2-60
Conexant
N8370DSE
2.8.4 Overhead Pattern Generator
The transmit overhead generation circuitry provides the ability to insert all of the
overhead associated with the Primary Rate Channel. The following types of
overhead pattern generation are supported: Framing patterns, Alarm patterns,
Cyclic Redundancy Check (CRC), and Far-End Block Error (FEBE).
2.8.4.1 Framing Pattern
Generation
The framing pattern generation circuitry inserts the following patterns into the
data stream: the 2-bit terminal framing (Ft) pattern, the 6-bit signaling frame (Fs)
pattern, the 6-bit FPS pattern, the 8-bit FAS/NFAS pattern, and the 6-bit MFAS
pattern.
The Ft pattern in SF, SLC-96, and T1DM is inserted into the transmit data
stream by enabling the INS_FBIT in the Transmit Frame Format register [TFRM;
addr 072]. The Fs pattern in SF is inserted by enabling the INS_MF bit. The FPS
pattern in ESF and the FAS/NFAS pattern in E1 mode are inserted by enabling the
INS_FBIT bit. The MFAS pattern is inserted by enabling the INS_MF bit.
2.8.4.2 Alarm Generator
The Transmit Alarm Generation circuitry generates Alarm Indication Signal
(AIS) and Remote Alarm Indication (RAI/Yellow Alarm).
AIS Generation
AIS is defined as an unframed all-1s pattern and is normally transmitted when the
data source is lost. AIS transmission can be enabled as follows:
•
Manually
•
Automatically upon detection of transmit loss of clock
•
Automatically upon loss of received signal or loss of receive clock
Typical applications require transmission of AIS toward the line when DTE
transmit data or clock is not present. In most applications, DTE data and clock are
isolated from the transmitter, requiring manual AIS transmission under software
control. Manual insertion of AIS is controlled by the TAIS bit in the Transmit
Alarm Signal Configuration register [TALM; addr 075]. Setting this bit
overwrites the currently transmitted data with the AIS pattern. If AISCLK
[TLIU_CR; addr 068] is also set, AIS is transmitted using AIS Clock Input
(ACKI); otherwise it uses the clock present at TCKI MUX output [CMUX; addr
01A].
Automatic transmission of AIS can be controlled by detection of transmit loss
of clock [TLOC; addr 048]. This mode is enabled by setting AISCLK and
providing an alternate transmit line rate clock on the ACKI clock input pin.
By setting AUTO_AIS in the TALM register, automatic transmission of AIS
can also be controlled by detection of Receiver Loss of Signal [RLOS; addr 047]
or Receiver Loss of Clock [RLOC; addr 047], depending on whether an analog or
digital line interface option [RDIGI; addr 020] is used. This mode is typically
used to transmit AIS (keep-alive) during line loopback if the received signal is
lost. Setting AUTO_AIS simultaneously with setting LLOOP [LOOP; addr 014]
enables this operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com