Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 56 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 56 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 52Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 53Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 54Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 55Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 56Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 57Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 58Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 59Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 60Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 323 page
background image
2.0 Circuit Description
Bt8370/8375/8376
2.4 Receiver
Fully Integrated T1/E1 Framer and Line Interface
2-28
Conexant
N8370DSE
The time slot and bit selection are performed through the DL1 Time Slot
Enable register [DL1_TS; addr 0A4] and the DL1 Bit Enable register [DL1_BIT;
addr 0A5]. The DL1 Time Slot Enable register selects the frames and time slot to
extract the data link. The frame select tells the receiver to extract the time slot in
all frames, odd frames, even frames. The time slot enable is a value between 0 and
31 that selects which time slot to extract. The DL1 Bit Enable register selects
which bits are extracted in the selected time slot. Refer to Table 2-4 for the
common frame, time slot, time slot bits, and modes used.
The Receive Data Link FIFO #1 [RDL1; addr 0A8] is 64 bytes long. The
Receive FIFO is formatted differently than the transmit FIFO. The Receive FIFO
contains not only received messages, but also a status byte preceding each
message that specifies the size of the received message and the status of that
message. The message status reports if the message was aborted, received with a
correct/incorrect FCS, or continued. A continued message means the byte count
represents a partial message. Once all message bytes are read, the FIFO contains
another status byte. Message bytes can be differentiated from status bytes in the
FIFO by reading the RSTAT1 bit in the RDL #1 Status register [RDL1_STAT;
addr 0A9]. RSTAT1 reports whether the next byte read from the FIFO is a status
byte or some number of message bytes.
The receive data link controller has a versatile microprocessor interface that
can be tuned to the system’s CPU bandwidth. For systems with 1 CPU dedicated
to 1 Bt8370, the data link status can be polled. For systems where a single CPU
controls multiple Bt8370s, the data link can be interrupt-driven. See Figures 2-13
and 2-14 for a high-level description of polling and interrupt driven Receive Data
Link Controller software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com